Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP3913
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP3913 Datasheet HTML 39Page - Microchip Technology MCP3913 Datasheet HTML 40Page - Microchip Technology MCP3913 Datasheet HTML 41Page - Microchip Technology MCP3913 Datasheet HTML 42Page - Microchip Technology MCP3913 Datasheet HTML 43Page - Microchip Technology MCP3913 Datasheet HTML 44Page - Microchip Technology MCP3913 Datasheet HTML 45Page - Microchip Technology MCP3913 Datasheet HTML 46Page - Microchip Technology MCP3913 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 43
MCP3913
6.4
Writing to the Device
The first register written from the SDI pin to the device
is the one defined by the address (A<4:0>) given in the
CONTROL byte. After this first register is fully
transmitted, if the CS pin is maintained logic low, the
communication continues without an additional control
byte and the SDI pin transmits another register with the
address automatically incremented or not, depending
on the WRITE bit setting.
Two different Write-mode configurations for the
address increment can be defined through the WRITE
bit in the STATUSCOM register (see Section 6.5, Con-
tinuous Communications, Looping on Register
Sets
and Table 8-2). The SDO pin stays in a high-
impedance state during a write communication. The
data on SDI is clocked into the MCP3913 on the rising
edge of SCK. The writing format for each register is
defined in Section 6.5, Continuous Communica-
tions, Looping on Register Sets
. A write on an unde-
fined or non-writable address, such as the ADC
channel’s register addresses, will have no effect and
also will not increment the address counter.
FIGURE 6-4:
Write to a Single Register with 24-bit Format (SPI Mode 1,1).
FIGURE 6-5:
Write to a Single Register with 24-bit Format (SPI Mode 0,0).
WRITE Communication (SPI mode 1,1)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
Device latches SDI on rising edge
R/W
Don’t
care
DATA<0>
WRITE Communication (SPI mode 0,0)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
Device latches SDI on rising edge
Don’t care
DATA<23>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com