Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 30Page - Analog Devices ADPD103BCPZ Datasheet HTML 31Page - Analog Devices ADPD103BCPZ Datasheet HTML 32Page - Analog Devices ADPD103BCPZ Datasheet HTML 33Page - Analog Devices ADPD103BCPZ Datasheet HTML 34Page - Analog Devices ADPD103BCPZ Datasheet HTML 35Page - Analog Devices ADPD103BCPZ Datasheet HTML 36Page - Analog Devices ADPD103BCPZ Datasheet HTML 37Page - Analog Devices ADPD103BCPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 33 of 52
Table 18. Configuration Registers to Switch Between the Normal Sample Mode, TIA_ADC Mode, and Digital Integration Mode
Address
Data
Bits
Bit Name
Normal
Mode
Value
TIA_ADC
Mode Value
Digital
Integration
Mode Value
Description
0x42
[15:8]
SLOTA_AFE_MODE
0x1C
Not applicable
0x1D
In normal mode, this setting configures the
integrator block for optimal operation. In
digital integration mode, this setting
configures the integrator block as a buffer.
This setting is not important for TIA_ADC
mode.
0x43
[15:0]
SLOTA_AFE_CFG
0xADA5
0xB065
0xAE65
Time Slot AAFE connection.
0xAE65 bypasses the band-pass filter.
0xB065 bypasses the band-pass filter and
the integrator.
0x44
[15:8]
SLOTB_AFE_MODE
0x1C
Not applicable
0x1D
In normal mode, this setting configures the
integrator block for optimal operation. In
digital integration mode, this setting
configures the integrator block as a buffer.
This setting is not important for TIA_ADC
mode.
0x45
[15:0]
SLOTB_AFE_CFG
0xADA5
0xB065
0xAE65
Time Slot B AFE connection.
0xAE65 bypasses the band-pass filter.
0xB065 bypasses the BPF and the integrator.
0x4E
[15:0]
ADC_TIMING
Not
applicable
Not applicable
0x0040
Set ADC Clock to 1 MHz in TIA_ADC mode.
0x58
13
SLOTB_DIGITAL_INT_EN
0x0
0x0
0x1
Digital integrate mode enable Time Slot B.
0: disable.
1: enable.
12
SLOTA_DIGITAL_INT_EN
0x0
0x0
0x1
Digital integrate mode enable Time Slot A.
0: disable.
1: enable.
0x5A
[15:0]
DIG_INT_CFG
Not
applicable
Not applicable
Variable
Configuration of digital integration depends
on the use case. This register is ignored for
other modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com