Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 45Page - Analog Devices ADPD103BCPZ Datasheet HTML 46Page - Analog Devices ADPD103BCPZ Datasheet HTML 47Page - Analog Devices ADPD103BCPZ Datasheet HTML 48Page - Analog Devices ADPD103BCPZ Datasheet HTML 49Page - Analog Devices ADPD103BCPZ Datasheet HTML 50Page - Analog Devices ADPD103BCPZ Datasheet HTML 51Page - Analog Devices ADPD103BCPZ Datasheet HTML 52Page - Analog Devices ADPD103BCPZ Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 50 of 52
ADC REGISTERS
Table 25. ADC Registers
Address
Data
Bits
Default Access Name
Description
0x12
[15:0]
0x0028
R/W
FSAMPLE
Sampling frequency: fSAMPLE = 32 kHz/(Register 0x12, Bits[15:0] × 4).
For example, 100 Hz = 0x0050; 200 Hz = 0x0028.
0x15
[15:11]
0x0
R/W
Reserved
Write 0x0.
[10:8]
0x6
R/W
SLOTB_NUM_AVG
Sample sum/average for Time Slot B. Specifies the averaging factor, NB,
which is the number of consecutive samples that is summed and averaged
after theADC. Register 0x70 to Register 0x7F hold the data sum. Register 0x64
to Register 0x6B and the data buffer in Register 0x60 hold the data average,
which can be used to increase SNR without clipping, in 16-bit registers.
The data rate is decimated by the value of the SLOTB_NUMB_AVG bits.
0: 1.
1: 2.
2: 4.
3: 8.
4: 16.
5: 32.
6: 64.
7: 128.
7
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
SLOTA_NUM_AVG
Sample sum/average for Time Slot A. NA: same as Bits[10:8] but for
Time Slot A. See description in Register 0x15, Bits[10:8].
[3:0]
0x0
R/W
Reserved
Write 0x0.
0x18
[15:0]
0x2000
R/W
SLOTA_CH1_OFFSET
Time Slot A Channel 1 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x19
[15:0]
0x2000
R/W
SLOTA_CH2_OFFSET
Time Slot A Channel 2 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1A
[15:0]
0x2000
R/W
SLOTA_CH3_OFFSET
Time Slot A Channel 3 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1B
[15:0]
0x2000
R/W
SLOTA_CH4_OFFSET
Time Slot A Channel 4 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1E
[15:0]
0x2000
R/W
SLOTB_CH1_OFFSET Time Slot B Channel 1 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x1F
[15:0]
0x2000
R/W
SLOTB_CH2_OFFSET Time Slot B Channel 2 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x20
[15:0]
0x2000
R/W
SLOTB_CH3_OFFSET Time Slot B Channel 3 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.
0x21
[15:0]
0x2000
R/W
SLOTB_CH4_OFFSET Time Slot B Channel 4 ADC offset. The value to subtract from the raw ADC
value. A value of 0x2000 is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com