Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 20Page - Analog Devices ADPD103BCPZ Datasheet HTML 21Page - Analog Devices ADPD103BCPZ Datasheet HTML 22Page - Analog Devices ADPD103BCPZ Datasheet HTML 23Page - Analog Devices ADPD103BCPZ Datasheet HTML 24Page - Analog Devices ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices ADPD103BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 23 of 52
LED DRIVER PINS AND LED SUPPLY VOLTAGE
The LEDx1, LEDx2, and LEDx3 pins have an absolute maximum
voltage rating of 3.6 V.Any voltage exposure over this rating affects
the reliability of the device operation and, in certain circumstances,
causes the device to cease proper operation. The voltage of the
LEDx pins must not be confused with the supply voltages for the
LED themselves (VLEDx). VLEDx is the voltage applied to the anode of
the external LED, whereas the LEDx pin is the input of the internal
current driver, and the pins are connected to the cathode of the
external LED.
LED DRIVER OPERATION
The LED driver for the ADPD103 is a current sink requiring
0.2 V of compliance above ground to maintain the programmed
current level. Figure 24 shows the basic schematic of how the
ADPD103 connects to an LED through the LED driver. The
Determining the Average Current and the Determining CVLED
sections define the requirements for the bypass capacitor
(CVLED) and the supply voltages of the LEDs (VLEDx).
ADPD103
LEDx
LGND
VLEDx
SUPPLY
CVLED
Figure 24. VLEDx Supply Schematic
DETERMINING THE AVERAGE CURRENT
The ADPD103 drives an LED in a series of short pulses. Figure 25
shows the typicalADPD103 configuration of a pulse burst
sequence.
ILED_MAX
3µs
19µs
Figure 25. Typical LED Pulse Burst Sequence Configuration
In this example, the LED pulse width, tLED_PULSE, is 3 µs, and the LED
pulse period, tLED_PERIOD, is 19 µs. The LED being driven is a pair
of green LEDs driven to a 250 mA peak. The goal of CVLED is to
buffer the LED between individual pulses. In the worst case
scenario, where the pulse train shown in Figure 25 is a continuous
sequence of short pulses, the VLEDx supply must supply the
average current. Therefore, calculate ILED_AVERAGE as follows:
ILED_AVERAGE = (tLED_PULSE/tLED_PERIOD) × ILED_PEAK
(1)
where:
ILED_AVERAGE is the average current needed from the VLEDx supply
during the pulse period, and it is also the VLEDx supply current
rating.
ILED_PEAK is peak current setting of the LED.
For the numbers shown in Equation 1, ILED_AVERAGE = 3/19 ×
ILED_PEAK. For typical LED timing, the average VLEDx supply
current is 3/19 × 250 mA = 39.4 mA, indicating that the VLEDx
supply must support a dc current of 40 mA.
DETERMINING CVLED
To determine the CVLED capacitor value, determine the maximum
forward-biased voltage, VFB_LED_MAX, of the LED in operation.
The LED current, IFB_LED_MAX, converts to VFB_LED_MAX as shown in
Figure 26. In this example, 250 mAof current through two green
LEDs in parallel yields VFB_LED_MAX = 3.95 V. Any series resistance
in the LED path must also be included in this voltage. When
designing the LED path, keep in mind that small resistances can
add up to large voltage drops due to the LED peak current being
very large. In addition, these resistances can be unnecessary
constraints on the VLEDx supply.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
LED DRIVER CURRENT SETTING (mA)
TWO 528nm LEDs
ONE 850nm LED
Figure 26. Example of the Average LED Forward-Biased Voltage Drop as a
Function of the Driver Current
To correctly size the CVLED capacitor, do not deplete it during the
pulse of the LED to the point where the voltage on the capacitor is
less than the forward bias on the LED.
To calculate the minimum value for the VLEDx bypass capacitor, use
the following equation:
)
2
.
0
(
_
_
_
_
_
+
−
×
=
MAX
LED
FB
MIN
LED
MAX
LED
FB
LED_PULSE
VLED
V
V
I
t
C
(2)
where:
tLED_PULSE is the LED pulse width.
IFB_LED_MAX is the maximum forward-biased current on the LED
used in operating the device.
VLED_MIN is the lowest voltage from the VLEDx supply with no load.
VFB_LED_MAX is the maximum forward-biased voltage required on
the LED to achieve ILED_PEAK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com