Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 21Page - Analog Devices ADPD103BCPZ Datasheet HTML 22Page - Analog Devices ADPD103BCPZ Datasheet HTML 23Page - Analog Devices ADPD103BCPZ Datasheet HTML 24Page - Analog Devices ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices ADPD103BCPZ Datasheet HTML 28Page - Analog Devices ADPD103BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 24 of 52
The numerator of the CVLED equation sets up the total discharge
amount in coulombs from the bypass capacitor to satisfy a
single programmed LED pulse of the maximum current. The
denominator represents the difference between the lowest voltage
from the VLEDx supply and the LED required voltage. The LED
required voltage is the voltage of the anode of the LED such that
the 0.2 V compliance of the LED driver and the forward-biased
voltage of the LED operating at the maximum current is satisfied.
For a typical ADPD103 example, assume that the lowest value
for the VLEDx supply is 4.4 V, and that the peak current is 250 mA
for two 528 nm LEDs in parallel. The minimum value for CVLED
is then equal to 3 µF.
CVLED = (3 × 10−6 × 0.250)/(4.4 – (3.95 + 0.2)) = 3 µF
(3)
As shown in the Equation 3, as the minimum supply voltage drops
close to the maximum anode voltage, the demands on CVLED
become more stringent, forcing the capacitor value higher. It is
important to insert the correct values into these equations. For
example, using an average value for VLED_MIN instead of the
worst case value for VLED_MIN can cause a serious design deficiency,
resulting in a CVLED value that is too small and that causes
insufficient optical power in the application. Therefore, adding a
sufficient margin on CVLED is strongly recommended. Add
additional margin to CVLED to account for derating of the capacitor
value over voltage, bias, temperature and other factors over the life
of the component.
LED INDUCTANCE CONSIDERATIONS
The LED drivers (LEDXx) on the ADPD103 have configurable
slew rate settings (Register 0x22, Bits[6:4], Register 0x23, Bits[6:4],
and Register 0x24, Bits[6:4]). These slew rates are defined in
Table 3. Even at the lowest setting, careful consideration must be
taken in board design and layout. If a large series inductor, such as a
long PCB trace, is placed between the LED cathode and one of
the LEDXx pins, voltage spikes from the switched inductor can
cause violations of absolute maximum and minimum voltages
on the LEDXx pins during the slew portion of the LED pulse.
To verify that there are no voltage spikes on the LEDXx pins due
to parasitic inductance, use an oscilloscope on the LEDXx pins to
monitor the voltage during normal operation.Any positive spike
>3.6 V may damage the device.
In addition, a negative spike <−0.3 V may also damage the device.
RECOMMENDED START-UP SEQUENCE
At power-up, the device is in standby mode (Register 0x10 =
0x0), as shown in Figure 14. The ADPD103 does not require a
particular power-up sequence.
From standby mode, to begin measurement, initiate the
ADPD103 as follows:
1. Set the CLK32K_EN bit (Register 0x4B, Bit 7) to start the
sample clock (32 kHz clock). This clock controls the state
machine. If this clock is off, the state machine is not able to
transition as defined by Register 0x10.
2. Write 0x1 to Register 0x10 to force the device into program
mode. Step 1 and Step 2 can be swapped, but the actual
state transition does not occur until both steps occur.
3. Write additional control registers in any order while the
device is in program mode to configure the device as
required.
4. Write 0x2 to Register 0x10 to start normal sampling
operation.
To terminate normal operation, follow this sequence to place
the ADPD103 in standby mode:
1. Write 0x1 to Register 0x10 to force the device into program
mode.
2. Write to the registers in any order while the device is in
program mode.
3. Write 0x00FF to Register 0x00 to clear all interrupts. If
desired, clear the FIFO as well by setting the DIGITAL_
CLOCK_ENA bit (Register 0x5F, Bit 0) and writing 0x80FF
to Register 0x00.
4. Write 0x0 to Register 0x10 to force the device into standby
mode.
5. Optionally, stop the 32 kHz clock by resetting the CLK32K_
EN bit (Register 0x4B, Bit 7). Register 0x4B, Bit 7 = 0 is the
only write that must be written when the device is in standby
mode (Register 0x10 = 0x0). If 0 is written to this bit while in
program mode or normal mode, the device becomes
unable to transition into any other mode, including standby
mode, even if it is subsequently written to do so.As a result,
the power consumption in what appears to be standby mode
is greatly elevated. For this reason, and due to the very low
current draw of the 32 kHz clock while in operation, it is
recommended from an ease of use perspective to keep the
32 kHz clock running after it is turned on.
READING DATA
TheADPD103 provides multiple methods for accessing the sample
data. Each time slot can be independently configured to provide
data access using the FIFO or the data registers. Interrupt signaling
is also available to simplify timely data access. The FIFO is available
to loosen the system timing requirements for data accesses.
Reading Data Using the FIFO
The ADPD103 includes a 128-byte FIFO memory buffer that
can be configured to store data from either or both time slots.
Register 0x11 selects the kind of data from each time slot to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com