Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 31Page - Analog Devices ADPD103BCPZ Datasheet HTML 32Page - Analog Devices ADPD103BCPZ Datasheet HTML 33Page - Analog Devices ADPD103BCPZ Datasheet HTML 34Page - Analog Devices ADPD103BCPZ Datasheet HTML 35Page - Analog Devices ADPD103BCPZ Datasheet HTML 36Page - Analog Devices ADPD103BCPZ Datasheet HTML 37Page - Analog Devices ADPD103BCPZ Datasheet HTML 38Page - Analog Devices ADPD103BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 34 of 52
REGISTER LISTING
Table 19. Numeric Register Listing1
Hex
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
Status
[15:8]
FIFO_SAMPLES[15:8]
0x0000
R/W
[7:0]
Reserved
SLOTB_
INT
SLOTA_INT
Reserved[4:0]
0x01
INT_
MASK
[15:8]
Reserved[15:9]
FIFO_INT_MASK 0x00FF
R/W
[7:0]
Reserved
SLOTB_INT_
MASK
SLOTA_INT_
MASK
Reserved[4:0]
0x02
INT_IO_
CTL
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
Reserved[7:3]
INT_ENA
INT_DRV
INT_POL
0x06
FIFO_
THRESH
[15:8]
Reserved[15:14]
FIFO_THRESH[13:8]
0x0000
R/W
[7:0]
Reserved[7:0]
0x08
DEVID
[15:8]
REV_NUM[15:8]
0x0416
R
[7:0]
DEV_ID[7:0]
0x09
I2CS_ID
[15:8]
ADDRESS_WRITE_KEY[15:8]
0x00C8
R/W
[7:0]
SLAVE_ADDRESS[7:1]
Reserved
0x0A CLK_
RATIO
[15:8]
Reserved[15:12]
CLK_RATIO[11:8]
0x0000
R
[7:0]
CLK_RATIO[7:0]
0x0D SLAVE_
ADDRESS
_KEY
[15:8]
SLAVE_ADDRESS_KEY[15:8]
0x0000
R/W
[7:0]
SLAVE_ADDRESS_KEY[7:0]
0x0F
SW_
RESET
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
Reserved[7:1]
SW_RESET
0x10
Mode
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
Reserved[7:2]
Mode[1:0]
0x11
SLOT_EN [15:8]
Reserved[15:14]
RDOUT_M
ODE
FIFO_OVRN_
PREVENT
Reserved[11:9]
SLOTB_FIFO_
MODE
0x1000
R/W
[7:0]
SLOTB_FIFO_MODE[7:6]
SLOTB_EN
SLOTA_FIFO_MODE[4:2]
Reserved
SLOTA_EN
0x12
FSAMPLE [15:8]
FSAMPLE[15:8]
0x0028
R/W
[7:0]
FSAMPLE[7:0]
0x14
PD_LED_
SELECT
[15:8]
Reserved[15:12]
SLOTB_PD_SEL[11:8]
0x0541
R/W
[7:0]
SLOTA_PD_SEL[7:4]
SLOTB_LED_SEL[3:2]
SLOTA_LED_SEL[1:0]
0x15
NUM_
AVG
[15:8]
Reserved
SLOTB_NUM_AVG
0x0600
R/W
[7:0]
Reserved
SLOTA_NUM_AVG
Reserved
0x18
SLOTA_
CH1_
OFFSET
[15:8]
SLOTA_CH1_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTA_CH1_OFFSET[7:0]
0x19
SLOTA_
CH2_
OFFSET
[15:8]
SLOTA_CH2_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTA_CH2_OFFSET[7:0]
0x1A SLOTA_
CH3_
OFFSET
[15:8]
SLOTA_CH3_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTA_CH3_OFFSET[7:0]
0x1B
SLOTA_
CH4_
OFFSET
[15:8]
SLOTA_CH4_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTA_CH4_OFFSET[7:0]
0x1E
SLOTB_
CH1_
OFFSET
[15:8]
SLOTB_CH1_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTB_CH1_OFFSET[7:0]
0x1F
SLOTB_
CH2_
OFFSET
[15:8]
SLOTB_CH2_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTB_CH2_OFFSET[7:0]
0x20
SLOTB_
CH3_
OFFSET
[15:8]
SLOTB_CH3_OFFSET[15:8]
0x2000
R/W
[7:0]
SLOTB_CH3_OFFSET[7:0]
0x21
SLOTB_
CH4_
OFFSET
[15:8]
SLOTB_CH4_OFFSET[15:8]
0x2000
RW
[7:0]
SLOTB_CH4_OFFSET[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com