Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 32Page - Analog Devices ADPD103BCPZ Datasheet HTML 33Page - Analog Devices ADPD103BCPZ Datasheet HTML 34Page - Analog Devices ADPD103BCPZ Datasheet HTML 35Page - Analog Devices ADPD103BCPZ Datasheet HTML 36Page - Analog Devices ADPD103BCPZ Datasheet HTML 37Page - Analog Devices ADPD103BCPZ Datasheet HTML 38Page - Analog Devices ADPD103BCPZ Datasheet HTML 39Page - Analog Devices ADPD103BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 35 of 52
Hex
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x22
ILED3_
COARSE
[15:8]
Reserved[15:14]
ILED3_
SCALE
Reserved[12:8]
0x3000
R/W
[7:0]
Reserved
ILED3_SLEW[6:4]
ILED3_COARSE[3:0]
0x23
ILED1_
COARSE
[15:8]
Reserved[15:14]
ILED1_
SCALE
Reserved[12:8]
0x3000
R/W
[7:0]
Reserved
ILED1_SLEW[6:4]
ILED1_COARSE[3:0]
0x24
ILED2_
COARSE
[15:8]
Reserved[15:14]
ILED2_
SCALE
Reserved[12:8]
0x3000
R/W
[7:0]
Reserved
ILED2_SLEW[6:4]
ILED2_COARSE[3:0]
0x25
ILED_
FINE
[15:8]
ILED3_FINE[15:11]
ILED2_FINE[10:8]
0x630C
R/W
[7:0]
ILED2_FINE[7:6]
Reserved
ILED1_FINE[4:0]
0x30
SLOTA_
LED_
PULSE
[15:8]
Reserved[15:13]
SLOTA_LED_WIDTH[12:8]
0x0320
R/W
[7:0]
SLOTA_LED_OFFSET[7:0]
0x31
SLOTA_
NUM-
PULSES
[15:8]
SLOTA_LED_NUMBER[15:8]
0x0818
R/W
[7:0]
SLOTA_LED_PERIOD[7:0]
0x34
LED_
DISABLE
[15:8]
Reserved[15:10]
SLOTB_LED_
DIS
SLOTA_
LED_DIS
0x0000
R/W
[7:0]
Reserved[7:0]
0x35
SLOTB_
LED_
PULSE
[15:8]
Reserved[15:13]
SLOTB_LED_WIDTH[12:8]
0x0320
R/W
[7:0]
SLOTB_LED_OFFSET[7:0]
0x36
SLOTB_
NUM-
PULSES
[15:8]
SLOTB_LED_NUMBER[15:8]
0x0818
R/W
[7:0]
SLOTB_LED_PERIOD[7:0]
0x38
TIMING_
CFG
[15:8]
Reserved
EXT_SYNC_
ENA
Reserved[13:8]
0x000
R/W
[7:0]
Reserved[7:0]
0x39
SLOTA_
AFE_
WINDOW
[15:8]
SLOTA_AFE_WIDTH[15:11]
SLOTA_AFE_OFFSET[10:8]
0x22FC
R/W
[7:0]
SLOTA_AFE_OFFSET[10:5]
SLOTA_AFE_FOFFSET[4:0]
0x3B
SLOTB_
AFE_
WINDOW
[15:8]
SLOTB_AFE_WIDTH[15:11]
SLOTB_AFE_OFFSET[10:8]
0x22FC
R/W
[7:0]
SLOTB_AFE_OFFSET[10:5]
SLOTB_AFE_FOFFSET[4:0]
0x3C AFE_PWR
_CFG1
[15:8]
Reserved[15:14]
Reserved[13:11]
Reserved
V_
CATHODE
AFE_
POWER-DOWN
0x3006
R/W
[7:0]
AFE_POWERDOWN[7:3]
Reserved[2:0]
0x42
SLOTA_
TIA_CFG
[15:8]
SLOTA_AFE_MODE[15:8]
0x1C38
R/W
[7:0]
Reserved
SLOTA_
TIA_
IND_EN
Reserved[5:2] (write 0xD)
SLOTA_TIA_GAIN[1:0]
0x43
SLOTA_
AFE_CFG
[15:8]
SLOTA_AFE_CFG[15:8]
0xADA5
R/W
[7:0]
SLOTA_AFE_CFG[7:0]
0x44
SLOTB_
TIA_CFG
[15:8]
SLOTB_AFE_MODE[15:8]
0x1C38
R/W
[7:0]
Reserved
SLOTB_
TIA_
IND_EN
Reserved[5:2] (write 0xD)
SLOTB_TIA_GAIN[1:0]
0x45
SLOTB_
AFE_CFG
[15:8]
SLOTB_AFE_CFG[15:8]
0xADA5
R/W
[7:0]
SLOTB_AFE_CFG[7:0]
0x4B
SAMPLE_
CLK
[15:8]
Reserved[15:8]
0x2612
R/W
[7:0]
CLK32K_EN
Reserved
CLK32K_ADJUST[5:0]
0x4D CLK32M_
ADJUST
[15:8]
RESERVED[15:8]
0x425E
R/W
[7:0]
CLK32M_ADJUST[7:0]
0x4E
ADC_
CLOCK
[15:8]
ADC_CLOCK[15:8]
0x0060
R/W
[7:0]
ADC_CLOCK[7:0]
0x4F
EXT_
SYNC_SEL
[15:8]
Reserved[15:8]
0x2090
R/W
[7:0]
Reserved
PDSO_
OE
PDSO_IE
Reserved
EXT_SYNC_SEL[3:2]
INT_IE
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com