Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 34Page - Analog Devices ADPD103BCPZ Datasheet HTML 35Page - Analog Devices ADPD103BCPZ Datasheet HTML 36Page - Analog Devices ADPD103BCPZ Datasheet HTML 37Page - Analog Devices ADPD103BCPZ Datasheet HTML 38Page - Analog Devices ADPD103BCPZ Datasheet HTML 39Page - Analog Devices ADPD103BCPZ Datasheet HTML 40Page - Analog Devices ADPD103BCPZ Datasheet HTML 41Page - Analog Devices ADPD103BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 37 of 52
Hex
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x75
A_PD2_
HIGH
[15:8]
SLOTA_CH2_HIGH[15:8]
0x0000
R
[7:0]
SLOTA_CH2_HIGH[7:0]
0x76
A_PD3_
HIGH
[15:8]
SLOTA_CH3_HIGH[15:8]
0x0000
R
[7:0]
SLOTA_CH3_HIGH[7:0]
0x77
A_PD4_
HIGH
[15:8]
SLOTA_CH4_HIGH[15:8]
0x0000
R
[7:0]
SLOTA_CH4_HIGH[7:0]
0x78
B_PD1_
LOW
[15:8]
SLOTB_CH1_LOW[15:8]
0x0000
R
[7:0]
SLOTB_CH1_LOW[7:0]
0x79
B_PD2_
LOW
[15:8]
SLOTB_CH2_LOW[15:8]
0x0000
R
[7:0]
SLOTB_CH2_LOW[7:0]
0x7A B_PD3_
LOW
[15:8]
SLOTB_CH3_LOW[15:8]
0x0000
R
[7:0]
SLOTB_CH3_LOW[7:0]
0x7B
B_PD4_
LOW
[15:8]
SLOTB_CH4_LOW[15:8]
0x0000
R
[7:0]
SLOTB_CH4_LOW[7:0]
0x7C B_PD1_
HIGH
[15:8]
SLOTB_CH1_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH1_HIGH[7:0]
0x7D B_PD2_
HIGH
[15:8]
SLOTB_CH2_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH2_HIGH[7:0]
0x7E
B_PD3_
HIGH
[15:8]
SLOTB_CH3_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH3_HIGH[7:0]
0x7F
B_PD4_
HIGH
[15:8]
SLOTB_CH4_HIGH[15:8]
0x0000
R
[7:0]
SLOTB_CH4_HIGH[7:0]
1
Recommended values not shown. Only power-on reset values are in Table 19. The recommended values are largely dependent on use case. See Table 20 to Table 26
for the recommended values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com