Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 10Page - Analog Devices ADPD103BCPZ Datasheet HTML 11Page - Analog Devices ADPD103BCPZ Datasheet HTML 12Page - Analog Devices ADPD103BCPZ Datasheet HTML 13Page - Analog Devices ADPD103BCPZ Datasheet HTML 14Page - Analog Devices ADPD103BCPZ Datasheet HTML 15Page - Analog Devices ADPD103BCPZ Datasheet HTML 16Page - Analog Devices ADPD103BCPZ Datasheet HTML 17Page - Analog Devices ADPD103BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 13 of 52
THEORY OF OPERATION
INTRODUCTION
The ADPD103 operates as a complete optical transceiver
stimulating up to three LEDs and measuring the return signal
on up to eight separate current inputs. The core consists of a
photometric front end coupled with an ADC, digital block, and
three independent LED drivers. The core circuitry stimulates
the LEDs and measures the return in the analog block through
one to eight photodiode inputs, storing the results in discrete data
locations. The eight inputs are broken into two blocks of four
simultaneous input channels. Data can be read directly by a
register, or through a FIFO. This highly integrated system includes
an analog signal processing block, digital signal processing block,
I2C communication interface, and programmable pulsed LED
current sources.
The LED driver is a current sink and is agnostic to LED supply
voltage and LED type. The photodiode (PDx) inputs can
accommodate any photodiode with an input capacitance of less
than 100 pF. The ADPD103 is purposefully designed to produce
a high SNR for relatively low LED power while greatly reducing
the effect of ambient light on the measured signal.
DUAL TIME SLOT OPERATION
TheADPD103 operates in two independent time slots, Time SlotA
and Time Slot B, which are carried out sequentially. The entire
signal path from LED stimulation to data capture and processing is
executed during each time slot. Each time slot has a separate
datapath that uses independent settings for the LED driver, AFE
setup, and the resulting data. Time SlotA and Time Slot B operate
in sequence for every sampling period, as shown in Figure 10.
The timing parameters are defined as follows:
tA (µs) = SLOTA_LED_OFFSET + nA × SLOTA_LED_PERIOD
where nA is the number of pulses for Time Slot A(Register 0x31,
Bits[15:8]).
tB (µs) = SLOTB_LED_OFFSET + nB × SLOTB_LED_PERIOD
where nB is the number of pulses for Time Slot B (Register 0x36,
Bits[15:8]).
Calculate the LED period using the following equation:
LED_PERIOD, minimum = 2 × AFE_WIDTH + 11
t1 and t2 are fixed and based on the computation time for each
slot. If a slot is not in use, these times do not add to the total
active time. Table 12 defines the values for these LED and
sampling time parameters.
ACTIVE
tA
t1
tB
t2
SLEEP
TIME SLOT A
TIME SLOT B
ACTIVE
1/fSAMPLE
nA PULSES
nB PULSES
Figure 10. Time Slot Timing Diagram
Table 12. LED Timing and Sample Timing Parameters
Parameter
Register
Bits
Test Conditions/Comments
Min
Typ
Max
Unit
SLOTA_LED_OFFSET1
0x30
[7:0]
Delay from power-up to LEDA rising edge
23
63
µs
SLOTB_LED_OFFSET1
0x35
[7:0]
Delay from power-up to LEDB rising edge
23
63
µs
SLOTA_LED_PERIOD2
0x31
[7:0]
Time between LED pulses in Time SlotA; SLOTx_AFE_WIDTH = 4 μs
19
63
µs
SLOTB_LED_PERIOD2
0x36
[7:0]
Time between LED pulses in Time Slot B; SLOTx_AFE_WIDTH = 4 μs
19
63
µs
t1
Compute time for Time Slot A
68
µs
t2
Compute time for Time Slot B
20
µs
tSLEEP
Sleep time between sample periods
222
µs
1
Setting the SLOTx_LED_OFFSET below the specified minimum value may cause failure of ambient light rejection for large photodiodes.
2
Setting the SLOTx_LED_PERIOD below the specified minimum value can cause invalid data captures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com