Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices ADPD103BCPZ Datasheet HTML 28Page - Analog Devices ADPD103BCPZ Datasheet HTML 29Page - Analog Devices ADPD103BCPZ Datasheet HTML 30Page - Analog Devices ADPD103BCPZ Datasheet HTML 31Page - Analog Devices ADPD103BCPZ Datasheet HTML 32Page - Analog Devices ADPD103BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 28 of 52
choice is a function of the margin of headroom needed to
prevent saturation as the dc level fluctuates over time. The SNR
of the PPG waveform is always some percentage of the dc level.
If the target level cannot be achieved at the base gain, increase
the gain and repeat the procedure. The tuning system may need
to place an upper limit on the gain to prevent saturation from
ambient signals.
Tuning the Pulse Count
After the LED peak current and TIA gain are optimized,
increasing the number of pulses per sample increases the SNR
by the square root of the number of pulses. There are two ways to
increase the pulse count. The pulse count registers (Register 0x31,
Bits[15:8], and Register 0x36, Bits[15:8]) change the number of
pulses per internal sample. Register 0x15, Bits[6:4] and Bits[10:8],
controls the number of internal samples that are averaged together
before the data is sent to the output. Therefore, the number of
pulses per sample is the pulse count register multiplied by the
number of subsequent samples being averaged. In general, the
internal sampling rate increases as the number of internal
sample averages increase to maintain the desired output data
rate. The SNR/watt is most optimal with pulse count values of
16 or less. Above pulse count values of 16, the square root
relationship does not hold in the pulse count register. However,
this relationship continues to hold when averaged between
samples using Register 0x15.
Note that increasing LED peak current increases SNR almost
directly proportional to LED power, whereas increasing the
number of pulses by a factor of n results in only a nominal√(n)
increase in SNR.
When using the sample sum/average function (Register 0x15),
the output data rate decreases by the number of summed
samples. To maintain a static output data rate, increase the
sample frequency (Register 0x12) by the same factor as that
selected in Register 0x15. For example, for a 100 Hz output data
rate and a sample sum/average of four samples, set the sample
frequency to 400 Hz.
SINGLE AFE CHANNEL MODE
When using a single photodiode in an application, and that
photodiode is connected to a single AFE channel (see Table 16),
theADPD103 has an option to power down Channel 2, Channel 3,
and Channel 4, which places the device in single AFE channel
mode. Because three of the fourAFE channels are turned off in this
mode, the power consumption is considerably reduced.
It is important to leave the unused input channels floating for
proper device operation. To run the device in singleAFE channel
mode, write 0x38 to Register 0x3C, Bits[8:3]. If it is not required
to run the device in singleAFE channel mode, leave Register 0x3C,
Bits[8:3] at 0x00.
TIA_ADC MODE
There is a way to put the device into a mode that effectively runs
the TIAdirectly in theADC without using the analog band-pass
filter and integrator. This mode is referred to as TIA_ADC mode.
There are two basic applications of TIA_ADC mode. In normal
operation, all of the background light is blocked from the signal
chain, and therefore cannot be measured. TIA_ADC mode can be
used to measure the amount of background/ambient light. This
mode can also be used to measure other dc input currents, such as
leakage resistance.
When the device is in TIA_ADC mode, the band-pass filter and
the integrator stage are bypassed. This effectively wires the TIA
directly into the ADC. At the set sampling frequency, the ADC
samples Channel 1 through Channel 4 (or Channel 5 through
Channel 8) in sequential order, and each sample is taken at 1 µs
intervals. The TIAis in an inverting configuration; therefore, the
signal drops as more light hits the photodiode. Zero light or dark
conditions result in approximately 13,000 LSBs from the ADC.
To put the ADPD103 in TIA_ADC mode during Time Slot A,
write 0xB065 to Register 0x43 to bypass the band-pass filter and
integrator. Similarly, to place the ADPD103 in TIA_ADC mode
during Time Slot B, write 0xB065 to Register 0x45. One way to
monitor dc and pulsed signal at the same time is to operate
TIA_ADC mode in one time slot and pulse mode in the other
time slot. In TIA_ADC mode, increasing light level causes a
decrease in ADC codes because the TIA stage is inverting.
Protecting Against TIA Saturation in Normal Operation
One of the reasons to monitor TIA_ADC mode is to protect
against environments that may cause saturation. One concern
when operating in high light conditions, especially with larger
photodiodes, is that the TIA stage may become saturated and
the ADPD103 continues to communicate data. The resulting
saturation is not typical. The TIA, based on its settings, can only
handle a certain level of photodiode current. Based on the way
theADPD103 is configured, if there is a current level from the
photodiode that is larger than the TIA can handle, the TIA output
during the LED pulse effectively extends the current pulse,
making it wider. The AFE timing is then violated because the
positive portion of the band-pass filter output extends into the
negative section of the integration window. Thus, the photosignal
is subtracted from itself, causing the output signal to decrease
when the effective light signal increases.
To measure the response from the TIA and verify that this stage
is not saturating, place the device in TIA_ADC mode and slightly
modify the timing. Specifically, sweep SLOTx_AFE_OFFSET
until two or three of the four channels reach a minimum value
(note that TIA is in an inverting configuration). All four
channels do not reach this minimum value because, typically, 3 µs
LED pulse widths are used and theADC samples the four channels
sequentially at 1 µs intervals. This procedure aligns the ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com