Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 16Page - Analog Devices ADPD103BCPZ Datasheet HTML 17Page - Analog Devices ADPD103BCPZ Datasheet HTML 18Page - Analog Devices ADPD103BCPZ Datasheet HTML 19Page - Analog Devices ADPD103BCPZ Datasheet HTML 20Page - Analog Devices ADPD103BCPZ Datasheet HTML 21Page - Analog Devices ADPD103BCPZ Datasheet HTML 22Page - Analog Devices ADPD103BCPZ Datasheet HTML 23Page - Analog Devices ADPD103BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 19 of 52
AFE Integration Offset Starting Point
The starting point of this offset, as expressed in microseconds, is set
such that the falling edge of the integration window aligns with the
falling edge of the LED.
LED_FALLING_EDGE = LED_OFFSET + LED_WIDTH
and,
AFE_INTEGRATION_FALLING_EDGE = 9 +
AFE_OFFSET + AFE_WIDTH
If both falling edges are set equal to each other, solve for
AFE_OFFSET to obtain the following equation:
AFE_OFFSET_STARTING_POINT = LED_OFFSET +
LED_WIDTH − 9 − AFE_WIDTH
Setting the AFE offset to any point in time earlier than the
starting point is equivalent to setting the integration in the
future; the AFE cannot integrate the result from an LED pulse
that has not yet occurred.As a result, anAFE_OFFSET value less
than theAFE_OFFSET_STARTING_POINT is an erroneous
setting. Such a result may indicate that current in the TIA is
operating in the reverse direction from the intended schematic,
where the LED pulse is causing the current to leave the TIA
rather than enter it.
Because, for most setups, the AFE_WIDTH is 1 µs wider than
the LED_WIDTH, the AFE_OFFSET_STARTING_POINT
value is typically 10 µs less than the LED_OFFSET value. Any
value less than LED_OFFSET – 10 is erroneous. The optimal
AFE offset is some time after the AFE_OFFSET_STARTING_
POINT. The band-pass filter response, LED response, and
photodiode response each add some delay. In general, the com-
ponent choice, board layout, LED_OFFSET, and LED_WIDTH are
the variables that can change the AFE_OFFSET. After a specific
design is set, the AFE_OFFSET can be locked down and does
not need to be optimized further.
Sweeping the AFE Position
The AFE offsets for Time Slot A and Time Slot B are controlled
by Bits[10:0] of Register 0x39 and Register 0x3B, respectively.
Each LSB represents one cycle of the 32 MHz clock, or 31.25 ns.
The register can be thought of as 211−1 of these 31.25 ns steps, or
it can be broken into an AFE_COARSE setting using Bits[10:5]
to represent 1 µs steps and Bits[4:0] to represent 31.25 ns steps.
Sweeping the AFE position from the starting point to find a
local maximum is the recommended way to optimize the AFE
offset. The setup for this test is to allow the LED light to fall on
the photodiode in a static way. This is typically done with a
reflecting surface at a fixed distance. The AFE position can then
be swept to look for changes in the output level. When adjusting
the AFE position, it is important to sweep the position using the
31.25 ns steps. Typically, a local maximum is found within 2 µs
of the starting point for most systems. Figure 18 shows an example
of anAFE sweep, where 0 on the x-axis represents theAFE starting
point defined previously. Each data point in the plot corresponds to
one 31.25 ns step of the AFE_OFFSET. The optimal location for
AFE_OFFSET in this example is 0.687 µs from the AFE starting
point.
0.687
100
95
90
85
80
75
AFE OFFSET FROM STARTING POINT (µs)
0
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
Figure 18. AFE Sweep Example
Table 14 lists some typical LED andAFE values after optimization.
In general, it is not recommended to use the AFE_OFFSET
numbers in Table 14 without first verifying them against theAFE
sweep method. Repeat this method for every new LED width and
with every new set of hardware made with theADPD103. For
maximum accuracy, it is recommended that the 32 MHz clock be
calibrated prior to sweeping theAFE.
Table 14. AFE Window Settings
LED Register 0x30 or Register 0x35
AFE Register 0x39 or Register 0x3B
Comment
0x0219
0x19FB
2 µs LED pulse, 3 µs AFE width, 25 µs LED delay
0x0319
0x21F4
3 µs LED pulse, 4 µs AFE width, 25 µs LED delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com