Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 19Page - Analog Devices ADPD103BCPZ Datasheet HTML 20Page - Analog Devices ADPD103BCPZ Datasheet HTML 21Page - Analog Devices ADPD103BCPZ Datasheet HTML 22Page - Analog Devices ADPD103BCPZ Datasheet HTML 23Page - Analog Devices ADPD103BCPZ Datasheet HTML 24Page - Analog Devices ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 22 of 52
INT
PDSO
DVDD
AGND
VREF
AVDD
PD1
PD8
NIC
NIC
NIC
NIC
NIC
NIC
1
7
21
15
28
22
8
14
ADPD103
TOP VIEW
(Not to Scale)
4.7µF
4.7µF
VLED2 VLED1
4.7µF
VLED3
I2C BUS
TO/FROM
HOST PROCESSOR
POWER-DOWN
CONTROL
0.1µF
0.1µF
0.1µF
1.8V
Figure 22. Connection Options for Individual Single Channel Diodes
PD8
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
PD8
7
15
8
14
Figure 23. Typical Photodiode Connection Diagram
Table 16. Typical Photodiode Anode to Input Channel Connections
Input Channel
Photodiode Anode Configuration
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
Single Photodiode (D1)
D1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
D1
NC1
NC1
NC1
D1
D1
D1
D1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
D1
D1
D1
D1
Two Photodiodes (D1, D2)
D1
NC1
NC1
NC1
D2
NC1
NC1
NC1
D1
D1
D1
D1
D2
D2
D2
D2
Four Photodiodes (D1 to D4)
D1
D2
D3
D4
NC1
NC1
NC1
NC1
NC1
NC1
NC1
NC1
D1
D2
D3
D4
Eight Photodiodes (D1 to D8)
D1
D2
D3
D4
D5
D6
D7
D8
1
NC means do not connect under the conditions provided in Table 16. Leave all unused inputs floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com