Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 11Page - Analog Devices ADPD103BCPZ Datasheet HTML 12Page - Analog Devices ADPD103BCPZ Datasheet HTML 13Page - Analog Devices ADPD103BCPZ Datasheet HTML 14Page - Analog Devices ADPD103BCPZ Datasheet HTML 15Page - Analog Devices ADPD103BCPZ Datasheet HTML 16Page - Analog Devices ADPD103BCPZ Datasheet HTML 17Page - Analog Devices ADPD103BCPZ Datasheet HTML 18Page - Analog Devices ADPD103BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 14 of 52
TIME SLOT SWITCH
Up to eight photodiodes (PD1 to PD8) can be connected to the
ADPD103. The photodiode anodes are connected to the PD1 to
PD8 input pins; the photodiode cathodes are connected to the
cathode pin, PDC. The anodes are assigned in three different
configurations depending on the settings of Register 0x14 (see
Figure 11, Figure 12, and Figure 13).
Aswitch sets which photodiode group is connected during Time
Slot A and Time Slot B. See Table 13 for the time slot switch
registers. When using less than eight photodiodes, it is important
to leave the unused inputs floating for proper operation of the
device. The photodiode inputs are current inputs and as such, these
pins are also considered to be voltage outputs. Tying these inputs to
a voltage may saturate the analog block.
Register 0x14, PD1 to PD8 Input Configurations
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 5
REGISTER 0x14[7:4] = 5
CH2
CH3
CH4
Figure 11. PD1 to PD4 Connection
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 4
REGISTER 0x14[7:4] = 4
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
CH2
CH3
CH4
Figure 12. PD5 to PD8 Connection
INPUT CONFIGURATION FOR
REGISTER 0x14[11:8] = 1
REGISTER 0x14[7:4] = 1
CH1
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
CH2
CH3
CH4
Figure 13. 2-to-1 PD Current Summation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com