Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 7Page - Analog Devices ADPD103BCPZ Datasheet HTML 8Page - Analog Devices ADPD103BCPZ Datasheet HTML 9Page - Analog Devices ADPD103BCPZ Datasheet HTML 10Page - Analog Devices ADPD103BCPZ Datasheet HTML 11Page - Analog Devices ADPD103BCPZ Datasheet HTML 12Page - Analog Devices ADPD103BCPZ Datasheet HTML 13Page - Analog Devices ADPD103BCPZ Datasheet HTML 14Page - Analog Devices ADPD103BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 10 of 52
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
INT
PDSO
DVDD
AGND
VREF
AVDD
PD1
PD8
NIC
NIC
NIC
NIC
NIC
NIC
1
2
3
4
5
6
7
17
18
19
20
21
16
15
ADPD103
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NONBONDED PAD, CAN BE GROUNDED.
2. EXPOSED PAD (DIGITAL GROUND). CONNECT THE
EXPOSED PAD TO GROUND.
Figure 4. 28-Lead LFCSP Pin Configuration
Table 10. 28-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
INT
DO
Interrupt Output.
2
PDSO
DO
Power-Down Status Output.
3
DVDD
S
1.8 V Digital Supply.
4
AGND
S
Analog Ground.
5
VREF
REF
Internally Generated ADC Voltage Reference. Buffer this pin with a 1 µF capacitor to AGND.
6
AVDD
S
1.8 V Analog Supply.
7
PD1
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
8
PD2
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
9
PD3
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
10
PD4
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
11
PDC
AO
Photodiode Common Cathode Bias.
12
PD5
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
13
PD6
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
14
PD7
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
15
PD8
AI
Photodiode Current Input (Anode). If not in use, leave this pin floating.
16 to 22
NIC
R
Not Internally Connected (Nonbonded Pad). This pin can be grounded.
23
LEDX1
AO
LED Driver 1 Current Sink. If not in use, leave this pin floating.
24
LEDX3
AO
LED Driver 3 Current Sink. If not in use, leave this pin floating.
25
LEDX2
AO
LED Driver 2 Current Sink. If not in use, leave this pin floating.
26
LGND
S
LED Driver Ground.
27
SCL
DI
I2C Clock Input.
28
SDA
DIO
I2C Data Input/Output.
EPAD (DGND)
S
Exposed Pad (Digital Ground). Connect the exposed pad to ground.
1
DO means digital output, S means supply, REF means voltage reference, AI means analog input, AO means analog output, R means reserved, DI means digital input,
and DIO means digital input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com