Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 23Page - Analog Devices ADPD103BCPZ Datasheet HTML 24Page - Analog Devices ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices ADPD103BCPZ Datasheet HTML 28Page - Analog Devices ADPD103BCPZ Datasheet HTML 29Page - Analog Devices ADPD103BCPZ Datasheet HTML 30Page - Analog Devices ADPD103BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 26 of 52
indicate when the registers are updated and can be read. To use
the interrupt for a given time slot, use the following procedure:
1. Enable the sample interrupt by writing a 0 to the appropriate
bit in Register 0x01. To enable the interrupt for Time SlotA,
write 0 to Bit 5. To enable the interrupt for Time Slot B,
write 0 to Bit 6. Either or both interrupts can be set.
2. Configure the interrupt pin by writing the appropriate
value to the bits in Register 0x02.
3. An interrupt generates when the data registers are updated.
4. The interrupt handler must perform the following:
a. Read Register 0x00 and observe Bit 5 or Bit 6 to confirm
which interrupt has occurred. This step is not required if
only one interrupt is in use.
b. Read the data registers before the next sample can be
written. The system must have interrupt latency and
service time short enough to respond before the next
data update, based on the output data rate.
c. Write a 1 to Bit 5 or Bit 6 in Register 0x00 to clear the
interrupt.
If both time slots are in use, it is possible to use only the
Time Slot B interrupt to signal when all registers can be read. It
is recommended to use the multiword read to transfer the data
from the data registers.
Reading Data from Registers Without Interrupts
If the system interrupt response is not fast or predictable
enough to use the interrupt method, or if the interrupt pin is
not used, it is possible to get reliable data access by using the
data hold mechanism. To guarantee that the data read from the
registers is from the same sample time, it is necessary to prevent
the update of samples while reading the current values. The
method for doing register reads without interrupt timing is as
follows:
1. Write a 1 to SLOTA_DATA_HOLD or SLOTB_DATA_
HOLD (Register 0x5F, Bit 1 and Bit 2, respectively) for the
time slot requiring access (both time slots can be accessed).
This prevents sample updates.
2. Read the registers as desired.
3. Write a 0 to the SLOTA_DATA_HOLD or SLOTB_DATA_
HOLD bits (Register 0x5F, Bit 1 and Bit 2, respectively)
previously set. Sample updates are allowed again.
Because a new sample may arrive while the reads are occurring,
this method prevents the new sample from partially overwriting
the data being read.
CLOCKS AND TIMING CALIBRATION
The ADPD103 operates using two internal time bases: a 32 kHz
clock sets the sample timing, and a 32 MHz clock controls the
timing of the internal functions such as LED pulsing and data
capture. Both clocks are internally generated and exhibit device-
to-device variation of approximately 10% (typical).
Heart rate monitoring applications require an accurate time
base to achieve an accurate count of beats per minute. The
ADPD103 provides a simple calibration procedure for both clocks.
1. Calibrating the 32 kHz clock. This calibrates items
associated with the output data rate. Calibration of this
clock is important for applications where an accurate data
rate is important, such as heart rate measurements.
a. Set the sampling frequency to the highest the system
can handle, such as 2000 Hz. Because the 32 kHz clock
controls sample timing, its frequency is readily accessible
via the INT pin. Configure the interrupt by writing the
appropriate value to the bits in Register 0x02 and set the
interrupt to occur at the sampling frequency by writing 0
to Register 0x01, Bit 5 or Bit 6. Monitor the INT pin.
The interrupt frequency must match the set sample
frequency.
b. If the monitored interrupt frequency is less than the set
sampling frequency, increase the CLK32K_ADJUST bit
(Register 0x4B, Bits[5:0]). If the monitored interrupt
frequency is larger than the set sampling frequency,
decrease the CLK32K_ADJUST bits.
c. Repeat Step b until the monitored interrupt signal
frequency is close enough to the set sampling frequency.
2. Calibrate the 32 MHz clock. This calibrates items associated
with the fine timing within a sample period, such as LED
pulse width and spacing, assuming that the 32 kHz clock
has been calibrated.
a. Write 0x1 to Register 0x5F, Bit 0.
b. Enable the CLK_RATIO calculation by writing 0x1 to
Register 0x50, Bit 5. This function counts the number of
32 MHz clock cycles in two cycles of the 32 kHz clock.
With this function enabled, this cycle value is stored in
Register 0xA, Bits[11:0] and nominally this ratio is 2000
(0x7D0).
c. Calculate the 32 MHz clock error as follows:
Clock Error = 32 MHz × (1 − CLK_RATIO/2000)
d. Adjust the frequency by setting Bits[7:0] in Register
0x4D per the following equation:
CLK32M_ADJUST = Clock Error/109 kHz
e. Write 0x0 to Register 0x50, Bit 5 to reset the
CLK_RATIO function.
Repeat Step 2b through Step 2e until the desired accuracy is
achieved.
Write 0x0 to Register 0x5F, Bit 0. Also, set the INT pin back to
the mode desired for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com