Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 45Page - Analog Devices ADPD103BCPZ Datasheet HTML 46Page - Analog Devices ADPD103BCPZ Datasheet HTML 47Page - Analog Devices ADPD103BCPZ Datasheet HTML 48Page - Analog Devices ADPD103BCPZ Datasheet HTML 49Page - Analog Devices ADPD103BCPZ Datasheet HTML 50Page - Analog Devices ADPD103BCPZ Datasheet HTML 51Page - Analog Devices ADPD103BCPZ Datasheet HTML 52Page - Analog Devices ADPD103BCPZ Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 48 of 52
Address
Data
Bit
Default Access Name
Description
[4:2]
0x0
R/W
SLOTA_FIFO_MODE
Time Slot A FIFO data format.
0: no data to FIFO.
1: 16-bit sample in digital integration mode or 16-bit sum of all
4 channels when not in digital integration mode.
2: 32-bit sample in digital integration mode or 32-bit sum of all
4 channels when not in digital integration mode.
3: 16-bit sample and 16-bit background value in digital integration mode
4: 32-bit sample and 32-bit background value in digital integration
mode or 4 channels of 16-bit sample data for Time Slot B when not in
digital integration mode.
6: 4 channels of 32-bit extended sample data for Time Slot B when not in
digital integration mode.
Others: reserved.
1
0x0
R/W
Reserved
Write 0x0.
0
0x0
R/W
SLOTA_EN
Time Slot A enable. 1: enables Time Slot A.
0x38
15
0x0
R/W
Reserved
Write 0x0.
14
0x0
R/W
EXT_SYNC_ENA
Enables external sampling trigger.
0x0: samples triggered internally.
0x1: samples triggered externally. Must be set to 1 if EXT_SYNC_SEL is b01 or
b10.
[13:0]
0x0
R/W
Reserved
Write 0x0.
0x4B
[15:9]
0x13
R/W
Reserved
Write 0x13.
8
0x0
R/W
CLK32K_BYP
Bypass internal 32 kHz clock oscillator.
0x0: normal operation.
0x1: use an external clock on the PDSO pin.
7
0x0
R/W
CLK32K_EN
Sample clock power-up. Enables the data sample clock.
0x0: clock disabled.
0x1: normal operation.
6
0x0
R/W
Reserved
Write 0x0.
[5:0]
0x12
R/W
CLK32K_ADJUST
Data sampling (32 kHz) clock frequency adjust. This register is used to
calibrate the sample frequency of the device to achieve high precision
on the data rate as defined in Register 0x12. Adjusts the sample master
32 kHz clock by 0.6 kHz per LSB. For a 100 Hz sample rate as defined in
Register 0x12, 1 LSB of Register 0x4B, Bits[5:0], is 1.9 Hz.
Note that a larger value produces a lower frequency. See the Clocks and
Timing Calibration section for more information regarding clock
adjustment.
00 0000: maximum frequency.
10 0010: typical center frequency.
11 1111: minimum frequency.
0x4D
[15:8]
0x42
R/W
Reserved
Write 0x42.
[7:0]
0x5E
R/W
CLK32M_ADJUST
Internal timing (32 MHz) clock frequency adjust. This register is used to
calibrate the internal clock of the device to achieve precisely timed LED
pulses. Adjusts the 32 MHz clock by 109 kHz per LSB.
See the Clocks and Timing Calibration section for more information
regarding clock adjustment.
0000 0000: minimum frequency.
0101 1110: default frequency.
1111 1111: maximum frequency.
0x4E1
[15:0]
0x0060
R/W
ADC_TIMING1
0x0040: ADC clock speed = 1 MHz.
0x0060: ADC clock speed = 500 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com