Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 24Page - Analog Devices ADPD103BCPZ Datasheet HTML 25Page - Analog Devices ADPD103BCPZ Datasheet HTML 26Page - Analog Devices ADPD103BCPZ Datasheet HTML 27Page - Analog Devices ADPD103BCPZ Datasheet HTML 28Page - Analog Devices ADPD103BCPZ Datasheet HTML 29Page - Analog Devices ADPD103BCPZ Datasheet HTML 30Page - Analog Devices ADPD103BCPZ Datasheet HTML 31Page - Analog Devices ADPD103BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Data Sheet
ADPD103
Rev. B | Page 27 of 52
CALCULATING CURRENT CONSUMPTION
The current consumption of the ADPD103 depends on the user
selected operating configuration, as described in the following
equations.
Total Power Consumption
To calculate the total power consumption, use Equation 4.
LEDB
AVG
LEDB
LEDA
AVG
LEDA
DD
AVG
VDD
V
I
V
I
V
I
Power
Total
×
+
×
+
×
=
_
_
_
(4)
Average VDD Supply Current
To calculate the average VDD supply current, use Equation 5.
STANDBY
VDD
PROC
SLOTB
B
AFE
SLOTA
A
AFE
AVG
VDD
I
Q
t
I
t
I
DR
I
_
_
_
_
)
)
(
)
((
+
+
×
+
×
×
=
(5)
where:
DR = the data rate in Hz.
IVDD_STANDBY = 3.5 × 10−3 mA.
QPROC is an average charge associated with a processing time, as
follows:
•
Only Time Slot A enabled: QPROC = 0.64 × 10−3 mC
•
Only Time Slot B enabled: QPROC = 0.51 × 10−3 mC
•
Time Slot A and Time Slot B enabled: QPROC = 0.69 ×
10−3 mC
225
/
)
25
(
)
_
5
.
1
(
9
.
2
)
mA
(
_
−
+
×
+
=
PEAK
x
AFE
LEDx
CHANNELS
NUM
I
(6)
COUNT
PULSE
PERIOD
LEDx
OFFSET
LEDx
t
SLOTx
_
_
_
(sec)
×
+
=
(7)
where:
NUM_CHANNELS is the number of active channels.
LEDxPEAK is the peak LED current expressed in mA.
LEDx_OFFSET is the pulse start time offset expressed in
seconds.
LEDx_PERIOD is the pulse period expressed in seconds.
PULSE_COUNT is the number of pulses.
Note that if either Time Slot A or Time Slot B are disabled, IAFE_x
= 0 for that respective time slot. Additionally, if operating in
digital integrate mode, power savings can be realized by setting
Register 0x3C, Bits[8:3] = b010010. This setting disables the
band-pass filters that are bypassed in digital integrate mode,
changing the AFE power contribution calculation to:
225
/
)
25
(
)
_
0
.
1
(
9
.
2
)
mA
(
_
−
+
×
+
=
PEAK
x
AFE
LEDx
CHANNELS
NUM
I
Average VLEDA Supply Current
To calculate the average VLEDA supply current, use Equation 8.
ILED_AVG_A = (SLOTA_LED_WIDTH/1 × 106) × LEDAPEAK ×
DR × PULSE_COUNT
(8)
where LEDAPEAK is LED1PEAK, LED2PEAK, or LED3PEAK, expressed
in mA, for whichever LED is selected for Time Slot A.
Average VLEDB Supply Current
To calculate the average VLEDB supply current, use Equation 9.
ILED_AVG_B = (SLOTB_LED_WIDTH/1 × 106) × LEDBPEAK ×
DR × PULSE_COUNT
(9)
where LEDBPEAK is LED1PEAK, LED2PEAK, or LED3PEAK, expressed
in mA, for whichever LED is selected for Time Slot B.
OPTIMIZING SNR PER WATT
The ADPD103 offers a variety of parameters that the user can
adjust to achieve the best signal. One of the key goals of system
performance is to obtain the best system SNR for the lowest
total power. This is often referred to as optimizing SNR/watt. Even
in systems where only the SNR matters and power is a secondary
concern, there may be a lower power or a high power means of
achieving the same SNR.
Optimizing for Peak SNR
The first step in optimizing for peak SNR is to find a TIA gain
and LED level that gives the best performance where the
number of LED pulses remains constant. If peak SNR is the
goal, the noise section of Table 3 can be used as a guide. It is
important to note that the SNR improves as a square root of the
number of pulses averaged together, whereas the increase in the
LED power consumed is directly proportional to the number of
LED pulses. In other words, for every doubling of the LED pulse
count, there is a doubling of the LED power consumed and a 3 dB
SNR improvement.As a result, avoid any change in the gain
configuration that provides less than 3 dB of improvement for a 2×
power penalty; any TIAgain configuration that provides more
than 3 dB of improvement for a 2× power penalty is a good
choice. If peak SNR is the goal and there is no issue saturating
the photodiode with LED current at any gain, the 50k TIA gain
setting is an optimal choice. After the SNR per pulse per
channel is optimized, the user can then increase the number of
pulses to achieve the desired system SNR.
Optimizing SNR per Watt in a Signal Limited System
In practice, optimizing for peak SNR is not always practical.
One scenario in which the photoplethysmography (PPG) signal
has a poor SNR is the signal limited regime. In this scenario, the
LED current reaches an upper limit before the desired dc return
level is achieved.
Tuning in this case starts where the peak SNR tuning stops. The
starting point is nominally a 50k gain, as long as the lowest LED
current setting of 8 mA does not saturate the photodiode and
the 50k gain provides enough protection against intense back-
ground light. In these cases, use a 25k gain as the starting point.
The goal of the tuning process is to bring the dc return signal to
a specific ADC range, such as 50% or 60%. The ADC range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com