Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD103BCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 33Page - Analog Devices ADPD103BCPZ Datasheet HTML 34Page - Analog Devices ADPD103BCPZ Datasheet HTML 35Page - Analog Devices ADPD103BCPZ Datasheet HTML 36Page - Analog Devices ADPD103BCPZ Datasheet HTML 37Page - Analog Devices ADPD103BCPZ Datasheet HTML 38Page - Analog Devices ADPD103BCPZ Datasheet HTML 39Page - Analog Devices ADPD103BCPZ Datasheet HTML 40Page - Analog Devices ADPD103BCPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 36 of 52
Hex
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x50
CLK32M_
CAL_EN
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
Reserved
PDSO_
CTRL
CLK32M_
CAL_EN
Reserved[4:0]
0x54
AFE_PWR
_CFG2
[15:8]
SLOTB_SIN-
GLE_CH_
DIG_INT
SLOTA_
SINGLE_
CH_DIG_
INT
SLEEP_V_CATHODE[13:12]
SLOTB_V_
CATHODE[11:10]
SLOTA_V_CATHODE[9:8]
0x0020
R/W
[7:0]
REG54_VCAT_
ENABLE
Reserved[6:0]
0x55
TIA_IN-
DEP_
GAIN
[15:8]
DIGINT_POWER[15:13]
Reserved
SLOTB_TIA_GAIN_4 [11:10]
SLOTB_TIA_GAIN_3[9:8]
0x0000
R/W
[7:0]
SLOTB_TIA_GAIN_2[7:6]
SLOTA_TIA_GAIN_4[5:4]
SLOTA_TIA_GAIN_3[3:2]
SLOTA_TIA_GAIN_2[1:0]
0x58
DIGITAL_
INT_EN
[15:8]
Reserved[15:14]
SLOTB_
DIGITAL_
INT_EN
SLOTA_
DIGITAL_INT_
EN
Reserved[11:8]
0x0000
R/W
[7:0]
Reserved[7:0]
0x5A DIG_INT_
CFG
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
DIG_INT_
GAPMODE
SLOTB_
DIG_INT_
SAMPLE-
MODE
SLOTA_
DIG_INT_
SAMPLE-
MODE
Reserved[4:0]
0x5F
DATA_AC
CESS_
CTL
[15:8]
Reserved[15:8]
0x0000
R/W
[7:0]
Reserved[7:3]
SLOTB_
DATA_
HOLD
SLOTA_DAT
A_HOLD
DIGITAL_
CLOCK_ENA
0x60
FIFO_
ACCESS
[15:8]
FIFO_DATA[15:8]
0x0000
R
[7:0]
FIFO_DATA[7:0]
0x64
SLOTA_
PD1_
16BIT
[15:8]
SLOTA_CH1_16BIT[15:8]
0x0000
R
[7:0]
SLOTA_CH1_16BIT[7:0]
0x65
SLOTA_
PD2_
16BIT
[15:8]
SLOTA_CH2_16BIT[15:8]
0x0000
R
[7:0]
SLOTA_CH2_16BIT[7:0]
0x66
SLOTA_
PD3_
16BIT
[15:8]
SLOTA_CH3_16BIT[15:8]
0x0000
R
[7:0]
SLOTA_CH3_16BIT[7:0]
0x67
SLOTA_
PD4_
16BIT
[15:8]
SLOTA_CH4_16BIT[15:8]
0x0000
R
[7:0]
SLOTA_CH4_16BIT[7:0]
0x68
SLOTB_
PD1_
16BIT
[15:8]
SLOTB_CH1_16BIT[15:8]
0x0000
R
[7:0]
SLOTB_CH1_16BIT[7:0]
0x69
SLOTB_
PD2_
16BIT
[15:8]
SLOTB_CH2_16BIT[15:8]
0x0000
R
[7:0]
SLOTB_CH2_16BIT[7:0]
0x6A SLOTB_
PD3_
16BIT
[15:8]
SLOTB_CH3_16BIT[15:8]
0x0000
R
[7:0]
SLOTB_CH3_16BIT[7:0]
0x6B
SLOTB_
PD4_
16BIT
[15:8]
SLOTB_CH4_16BIT[15:8]
0x0000
R
[7:0]
SLOTB_CH4_16BIT[7:0]
0x70
A_PD1_
LOW
[15:8]
SLOTA_CH1_LOW[15:8]
0x0000
R
[7:0]
SLOTA_CH1_LOW[7:0]
0x71
A_PD2_
LOW
[15:8]
SLOTA_CH2_LOW[15:8]
0x0000
R
[7:0]
SLOTA_CH2_LOW[7:0]
0x72
A_PD3_
LOW
[15:8]
SLOTA_CH3_LOW[15:8]
0x0000
R
[7:0]
SLOTA_CH3_LOW[7:0]
0x73
A_PD4_
LOW
[15:8]
SLOTA_CH4_LOW[15:8]
0x0000
R
[7:0]
SLOTA_CH4_LOW[7:0]
0x74
A_PD1_
HIGH
[15:8]
SLOTA_CH1_HIGH[15:8]
0x0000
R
[7:0]
SLOTA_CH1_HIGH[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com