Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 24 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 20Page - Microchip Technology UCS1003-3 Datasheet HTML 21Page - Microchip Technology UCS1003-3 Datasheet HTML 22Page - Microchip Technology UCS1003-3 Datasheet HTML 23Page - Microchip Technology UCS1003-3 Datasheet HTML 24Page - Microchip Technology UCS1003-3 Datasheet HTML 25Page - Microchip Technology UCS1003-3 Datasheet HTML 26Page - Microchip Technology UCS1003-3 Datasheet HTML 27Page - Microchip Technology UCS1003-3 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 138 page
background image
13
ALERT#
Active-low error event output flag
(requires pull-up resistor).
OD
Connect to ground
14
DPIN
USB data input (plus).
AIO
Connect to ground or ground through a
resistor
15
DMIN
USB data input (minus).
AIO
Connect to ground or ground through a
resistor
16
DMOUT
USB data output (minus).
AIO (Note 2)
Connect to ground
17
DPOUT
USB data output (plus).
AIO (Note 2)
Connect to ground
18
A_DET#
(UCS1003-1 and UCS1003-3)
Active-low device Attach Detection output flag
(requires pull-up resistor).
OD
Connect to ground
CHRG#
(UCS1003-2)
Active-low “Charging Active” output flag (requires pull-up
resistor).
OD
Connect to ground
19
EM_EN
Active mode selector input.
DI
Connect to ground or VDD (Note 3)
20
GND
Ground.
Power
n/a
21
EP
Exposed thermal pad. Must be connected to electrical
ground.
EP
n/a
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
UCS1003-1/2/3
4x4 QFN
Symbol
Function
Pin Type
Connection Type if Pin Not Used
Note 1:
Total leakage current from Pins 3 and 4 (VBUS) to ground must be less than 100 µA for proper Attach/Removal Detection operation.
2:
It is recommended to use 2 M
 pull-down resistors on the DPOUT and/or DMOUT pin if a portable device stimulus is expected when using the customer
charger emulation profile with the high-speed data switch open. The 2 M
 value is based on BC1.1 impedance characteristics for Dedicated Charging Ports.
3:
To ensure operation, the PWR_EN pin must be enabled, as determined by the SEL pin decode, when it is not driven by an external device. Furthermore,
one of the M1, M2 or EM_EN pins must be connected to VDD if all three are not driven from an external device. If the PWR_EN pin is disabled, or all of the
M1, M2 and EM_EN pins are connected to ground, the UCS1003-1 will remain in the Sleep or Detect state unless activated via the SMBus (UCS1003-2
and UCS1003-3 will remain in Sleep or Detect state indefinitely).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com