Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 9 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 9 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 5Page - Microchip Technology UCS1003-3 Datasheet HTML 6Page - Microchip Technology UCS1003-3 Datasheet HTML 7Page - Microchip Technology UCS1003-3 Datasheet HTML 8Page - Microchip Technology UCS1003-3 Datasheet HTML 9Page - Microchip Technology UCS1003-3 Datasheet HTML 10Page - Microchip Technology UCS1003-3 Datasheet HTML 11Page - Microchip Technology UCS1003-3 Datasheet HTML 12Page - Microchip Technology UCS1003-3 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 9
UCS1003-1/2/3
Selectable Current Limits
ILIM1
—570
—
mA
ILIM Resistor = 0 or 47 k
(UCS1003-1 only)
ILIM Resistor = 47 k
(UCS1003-2/3)
(minimum mA setting)
ILIM2
—1000
—
ILIM Resistor = 10 k or 56 k
(UCS1003-1 only)
ILIM Resistor = 56 k
(UCS1003-2/3)
ILIM3
—1130
—
ILIM Resistor = 12 k or 68 k
(UCS1003-1 only)
ILIM Resistor = 68 k
(UCS1003-2/3)
ILIM4
—1350
—
ILIM Resistor = 15 k or 82 k
(UCS1003-1 only)
ILIM Resistor = 82 k
(UCS1003-2/3)
ILIM5
—1680
—
ILIM Resistor = 18 k or 100 k
(UCS1003-1 only)
ILIM Resistor = 100 k
(UCS1003-2/3)
ILIM6
—2050
—
ILIM Resistor = 22 k or 120 k
(UCS1003-1 only)
ILIM Resistor = 120 k
(UCS1003-2/3)
ILIM7
—2280
—
ILIM Resistor = 27 k or 150 k
(UCS1003-1 only)
ILIM Resistor = 150 k
(UCS1003-2/3)
ILIM8
2700
2850
3000
ILIM Resistor = 33 k or VDD
(UCS1003-1 only)
ILIM Resistor = VDD
(UCS1003-2/3)
Pin Wake Time
tPIN_WAKE
—3
—
ms
SMBus Wake Time
tSMB_WAKE
—4
—
ms
(UCS1003-1 only)
Idle Sleep Time
tIDLE_SLEEP
—200
—
ms
(UCS1003-1 only)
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS1003-1 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Min and Max values represent the boundaries of a programmable range for UCS1003-1 only. Each value
in the range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com