Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 7 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 3Page - Microchip Technology UCS1003-3 Datasheet HTML 4Page - Microchip Technology UCS1003-3 Datasheet HTML 5Page - Microchip Technology UCS1003-3 Datasheet HTML 6Page - Microchip Technology UCS1003-3 Datasheet HTML 7Page - Microchip Technology UCS1003-3 Datasheet HTML 8Page - Microchip Technology UCS1003-3 Datasheet HTML 9Page - Microchip Technology UCS1003-3 Datasheet HTML 10Page - Microchip Technology UCS1003-3 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 7
UCS1003-1/2/3
Start Setup Time
tSU:STA
0.6
—
—
µs
Start Hold Time
tHD:STA
0.6
—
—
µs
Stop Setup Time
tSU:STO
0.6
—
—
µs
Data Hold Time
tHD:DAT
0
—
—
µs
When transmitting to the master
Data Hold Time
tHD:DAT
0.3
—
—
µs
When receiving from the master
Data Setup Time
tSU:DAT
0.6
—
—
µs
Clock Low Period
tLOW
1.3
—
—
µs
Clock High Period
tHIGH
0.6
—
—
µs
Clock/Data Fall Time
tFALL
—
—
300
ns
Min = 20 + 0.1 CLOAD ns (Note 3)
Clock/Data Rise Time
tRISE
—
—
300
ns
Min = 20 + 0.1 CLOAD ns (Note 3)
Capacitive Load
CLOAD
—
—
400
pF
Per bus line (Note 2)
Time-out
tTIMEOUT
25
—
35
ms
Disabled by default (Note 2)
Idle Reset
tIDLE_RESET
350
—
—
µs
Disabled by default (Note 2)
High-Speed Data Switch
High-Speed Data Switch – DC Parameters
Switch Leakage Current
IHSW_OFF
—
±0.5
—
µA
Switch open – DPIN to DPOUT,
DMIN to DMOUT or all four pins to
ground; VDD  VS
Charger Resistance
RCHG
—2
—
M
DPOUT or DMOUT to VBUS, or
ground (see Figure 1-2),
BC1.2 DCP charger
emulation is active
On Resistance
RON_HSW
—2
—
Switch closed, VDD = 5V
Test Current = 8 mA,
Test Voltage = 0.4V
(see Figure 1-2)
On Resistance
RON_HSW_1
—5
—
Switch closed, VDD = 5V,
Test Current = 8 mA,
Test Voltage = 3.0V
(see Figure 1-2)
Delta-On Resistance
RON_HSW
—±0.3
—
Switch closed, VDD = 5V,
ITST = 8 mA, VTST = 0 to 1.5V
(see Figure 1-2)
High-Speed Data Switch – AC Parameters
DP, DM Capacitance to Ground
CHSW_ON
—
4
—
pF
Switch closed, VDD = 5V
DP, DM Capacitance to Ground
CHSW_OFF
—
2
—
pF
Switch open, VDD = 5V
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TA = -40°C to +85°C; all Typical values at VDD = VS = 5V, TA = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS1003-1 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Min and Max values represent the boundaries of a programmable range for UCS1003-1 only. Each value
in the range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com