Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 84 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 84 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 80Page - Microchip Technology UCS1003-3 Datasheet HTML 81Page - Microchip Technology UCS1003-3 Datasheet HTML 82Page - Microchip Technology UCS1003-3 Datasheet HTML 83Page - Microchip Technology UCS1003-3 Datasheet HTML 84Page - Microchip Technology UCS1003-3 Datasheet HTML 85Page - Microchip Technology UCS1003-3 Datasheet HTML 86Page - Microchip Technology UCS1003-3 Datasheet HTML 87Page - Microchip Technology UCS1003-3 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 84
 2014-2015 Microchip Technology Inc.
10.9
TDET_CHARGE Configuration
Register
The TDET_CHARGE Configuration register controls
the tDC_TEMP and tDET_CHARGE timing. The tDC_TEMP
timer is started whenever the temperature exceeds
TREG. This timer is meant to give the system time to
cool at the lower ILIM setting before changing ILIM
again. The tDET_CHARGE timer is started whenever the
VBUS voltage is discharged and the bypass switch is
reactivated. This timer is meant to be a delay to allow
the VBUS capacitor to charge before detecting an
Attach Detection event.
If tDET_CHARGE time is increased greater than 800 ms,
larger bus capacitors can be accommodated;
however, with a portable device present and PWR_EN
disabled, a Removal Detection event, and then
another Attach Detection event will occur.
The contents of this register are retained in Sleep.
Name
Bits Address
Cof
Default
TDET_CHARGE
Configuration
81Fh
R/W
03h
REGISTER 10-17: TDET_CHARGE CONFIGURATION REGISTER (ADDRESS 1Fh)
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
—
—
—
DC_TEMP_SET<1:0>
DET_CHARGE_SET<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4-3
DC_TEMP_SET<1:0>:
tDC_TEMP Time Determination bits
00
= 200 ms
01
= 400 ms
10
= 800 ms
11
= 1600 ms
bit 2-0
DET_CHARGE_SET<2:0>:
tDET_CHARGE Time Determination bits
000
= 200 ms
001
= 400 ms
010
= 600 ms
011
= 800 ms
100
= 1000 ms
101
= 1200 ms
110
= 1400 ms
111
= 2000 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com