Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 55 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 55 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 51Page - Microchip Technology UCS1003-3 Datasheet HTML 52Page - Microchip Technology UCS1003-3 Datasheet HTML 53Page - Microchip Technology UCS1003-3 Datasheet HTML 54Page - Microchip Technology UCS1003-3 Datasheet HTML 55Page - Microchip Technology UCS1003-3 Datasheet HTML 56Page - Microchip Technology UCS1003-3 Datasheet HTML 57Page - Microchip Technology UCS1003-3 Datasheet HTML 58Page - Microchip Technology UCS1003-3 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 55
UCS1003-1/2/3
9.8.1
EMULATION RESET
Prior to applying any of the charger emulation profiles,
the UCS1003-1/2/3 will perform an emulation Reset.
This means that the UCS1003-1/2/3 family resets the
VBUS line by disconnecting the port power switch and
connecting VBUS to ground via an internal 100 resis-
tor for tDISCHARGE time. The port power switch will be
held open for a time equal to tEM_RESET, at which point,
the port power switch will be closed and the VBUS
voltage applied. The DPOUT and DMOUT pins will be
pulled low using internal 15 k
 pull-down resistors.
9.8.2
EMULATION CYCLING
In Dedicated Charger Emulation Cycle mode, the
charger emulation profiles (if enabled) will be applied in
the following order:
1.
Legacy 1
2.
Legacy 2
3.
Legacy 3
4.
Legacy 4
5.
Legacy 5
6.
Legacy 6
7.
Legacy 7
8.
Custom (UCS1003-1 only; disabled by default).
If the CS_FRST Configuration bit is set, then the
custom charger emulation profile will be tested
first and the order will proceed as given.
If S0 = 0 and a portable device is not attached in DCE
Cycle mode, the UCS1003-1/2/3 will be cycling through
charger emulation profiles (by default). There is no
assurance which charger emulation profile will be
applied first when a portable device attaches.
The UCS1003-1/2/3 will apply a charger emulation
profile until one of the following exit conditions occurs:
• Current greater than IBUS_CHG is detected flowing
out of VBUS at the respective emulation time-out
time. In this case, the profile is assumed to be
accepted and no other profiles will be applied.
• The respective emulation time-out (tEM_TIMEOUT)
time is reached without current that exceeds the
IBUS_CHG limit flowing out of VBUS (the emulation
time-out is enabled by default, see Section 10.4.2
“Emulation Configuration Register”
and
Register 10-35). The profile is assumed to be
rejected, and the UCS1003-1/2/3 will perform
emulation Reset and apply the next profile if there
is one.
In the case of UCS1003-1, emulation time-outs can be
programmed for each charger emulation profile (see
Section 10.11 “Preloaded Emulation Time-out Con-
figuration Registers”
and Register 10-35).
9.8.3
DCE CYCLE RETRY
If none of the charger emulation profiles cause a
charge current to be drawn, the UCS1003-1/2/3 will
perform emulation Reset and cycle through the profiles
again (if the EM_RETRY bit is set in the UCS1003-1
default – see Section 10.4.2 “Emulation Configura-
tion Register”
). The UCS1003-1/2/3 will continue to
cycle through the profiles as long as charging current is
not drawn and the PWR_EN control is enabled. If the
emulation retry is not enabled, the UCS1003-1 will flag,
“No Handshake”, and end the DCE Cycle mode using
Trip Current-Limiting mode.
Note:
To help prevent possible damage to a
portable device, the DPOUT and DMOUT
pins have current limiting in place when
the emulation profiles are applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com