Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 31Page - Microchip Technology UCS1003-3 Datasheet HTML 32Page - Microchip Technology UCS1003-3 Datasheet HTML 33Page - Microchip Technology UCS1003-3 Datasheet HTML 34Page - Microchip Technology UCS1003-3 Datasheet HTML 35Page - Microchip Technology UCS1003-3 Datasheet HTML 36Page - Microchip Technology UCS1003-3 Datasheet HTML 37Page - Microchip Technology UCS1003-3 Datasheet HTML 38Page - Microchip Technology UCS1003-3 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 35
UCS1003-1/2/3
5.1.1
OFF STATE OPERATION
The device is in the OFF state if VDD is less than
VDD_TH. When the UCS1003-1/2/3 devices are in the
OFF state, it does nothing and all circuitry is disabled.
In the case of UCS1003-1, the digital register values
are not stored and the device will not respond to
SMBus commands.
5.1.2
SLEEP STATE OPERATION
When the UCS1003-1/2/3 devices are in the Sleep
state, the device is in its lowest power state. The high-
speed switch, bypass switch and the port power switch
are disabled. The Attach and Removal Detection
feature is disabled. VBUS will be near ground potential.
The ALERT# pin is not asserted. If asserted prior to
entering the Sleep state, the ALERT# pin will be
released. The A_DET# pin is released. In the case of
UCS1003-1, SMBus activity is limited to single byte
read or write.
The first data byte read from the UCS1003-1, when in
the Sleep state, will wake the device; however, the data
to be read will return all ‘0’s and should be considered
invalid. This is a “dummy” read byte meant to wake the
UCS1003-1. Subsequent read or write bytes will be
accepted normally. After the dummy read, the
UCS1003-1 will be in a higher power state (see
Figure 5-6). The device will return to Sleep after the last
communication or if no further communication has
occurred.
Figure 5-5 shows the timing diagrams for waking the
UCS1003-1/2/3 family via external pins. Figure 5-6
shows the timing for waking the UCS1003-1 device via
SMBus.
FIGURE 5-5:
Wake Timing via External Pins.
FIGURE 5-6:
Wake via SMBus Read with S0 = 0.
M1 or M2
Port Power Switch Closed
(Active state)
tPIN_WAKE
Wake with M1 or M2 to Active State Data Pass-Through Mode
(PWR_EN enabled, S0 = 0, EM_EN = 0, VS > VS_UVLO)
S0
Bypass Switch Closed
(Detect state)
tPIN_WAKE
Wake with S0
(VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’s and not set to data pass-through)
0101_1110
A
invalid
data
NP
SMBus Read
A
0001_0000
0101_1110
A
valid data
NP
0001_0000
S
S
tIDLE_SLEEP
Sleep
Sleep
Dummy Read Returns Invalid Data and Places Device in
Temporary Active State
Read Returns Valid Data
0101_1111
A
S
0101_1111
A
S
A
Power State
Temporary Active State
(not all functionality available)
tSMB_WAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com