Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 68 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 68 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 64Page - Microchip Technology UCS1003-3 Datasheet HTML 65Page - Microchip Technology UCS1003-3 Datasheet HTML 66Page - Microchip Technology UCS1003-3 Datasheet HTML 67Page - Microchip Technology UCS1003-3 Datasheet HTML 68Page - Microchip Technology UCS1003-3 Datasheet HTML 69Page - Microchip Technology UCS1003-3 Datasheet HTML 70Page - Microchip Technology UCS1003-3 Datasheet HTML 71Page - Microchip Technology UCS1003-3 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 68
 2014-2015 Microchip Technology Inc.
REGISTER 10-4:
GENERAL STATUS REGISTER (ADDRESS 11h)
R-0
U-0
U-0
R-0
R-0
R/C-0
R/C-0
R/C-0
RATION
—
—
CC_MODE
TREG
LOW_CUR
REM
ATT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RATION:
Programmed Power Amount Delivery Status bit
Indicates that the UCS1003-1 has delivered the programmed amount of power to a portable device. If
the RATION_BEH<1:0> bits are set to interrupt the host, this bit will cause the ALERT# pin to be
asserted. This bit is cleared when read. This bit is also cleared automatically when the RTN_RST bit is
set or the RTN_EN bit is cleared (see Section 10.4.1 “General Configuration Register”).
1
= UCS1003-1 has delivered the programmed amount of power to a portable device
0
= UCS1003-1 has not delivered the programmed amount of power to a portable device
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
CC_MODE:
IBUS Current Indication Status bit
Indicates that the IBUS current has exceeded ILIM. Current is in Region 2 (IBUS_R2MIN).
1
= IBUS > ILIM
0
= IBUS < ILIM
bit 3
TREG:
TREG Internal Temperature Indication Status bit
Indicates that the internal temperature has exceeded TREG and that the current limit has been reduced.
This bit is cleared when read and will not cause the ALERT# pin to be asserted unless the ALERT_LINK
bit is set.
1
= Internal temperature > TREG
0
= Internal temperature < TREG
bit 2
LOW_CUR:
Portable Device Charge Current Indication Status bit
Indicates that a portable device has reduced its charge current to below ~6.4 mA and may be finished
charging. This bit is cleared when read and will not cause the ALERT# pin to be asserted unless the
ALERT_LINK bit is set.
1
= IBUS < 6.4 mA
0
= IBUS > 6.4 mA
bit 1
REM:
Removal Detection Event Status bit
Indicates that a Removal Detection event has occurred and there is no longer a portable device present.
This bit is cleared when read and will not cause the ALERT# pin to be asserted. It will cause the A_DET#
pin to be released.
1
= Removal detected
0
= No removal detected
bit 0
ATT:
Attach Detection Event Status bit
Indicates that an Attach Detection event has occurred and there is a new portable device present. This
bit is cleared when read and will not cause the ALERT# pin to be asserted. It will cause the A_DET# pin
to be asserted.
1
= Attach detected
0
= No attach detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com