Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 75 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 75 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 71Page - Microchip Technology UCS1003-3 Datasheet HTML 72Page - Microchip Technology UCS1003-3 Datasheet HTML 73Page - Microchip Technology UCS1003-3 Datasheet HTML 74Page - Microchip Technology UCS1003-3 Datasheet HTML 75Page - Microchip Technology UCS1003-3 Datasheet HTML 76Page - Microchip Technology UCS1003-3 Datasheet HTML 77Page - Microchip Technology UCS1003-3 Datasheet HTML 78Page - Microchip Technology UCS1003-3 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 75
UCS1003-1/2/3
10.4.2
EMULATION CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16h)
R/W-1
U-0
U-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
DIS_TO
—
—EM_TO_DIS(1) EM_RETRY
EM_RESP(2)
EM_RESET_TIME<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DIS_TO:
Disable Time-out and Idle Reset bit (see Section 11.2.1.6 “SMBus Time-out and Idle Reset”)
1
= The Time-out and Idle Reset functionality is disabled; this is used for I2C compliance
0
= The Time-out and Idle Reset functionality is enabled
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
EM_TO_DIS:
Emulation Time-out Disable bit(1)
Disables the emulation circuitry time-out for all charger emulation profiles in the DCE Cycle. There is a
separate bit to enable/disable the emulation time-out for the custom charger emulation profile
(Register 10-35); however, if the EM_TO_DIS bit is set, the emulation time-out will also be disabled for
the custom charger emulation profile.
1
= Emulation time-out is disabled during the DCE Cycle. The applied charger emulation profile will not
exit as a result of an emulation time-out event. The IBUS current will be checked continuously, and
if it exceeds the IBUS_CHG threshold for any reason, the charger emulation profile will be accepted.
0
= Emulation time-out is enabled during the DCE Cycle. An individual charger emulation profile will be
applied and maintained for the duration of the tEM_TIMEOUT value. When this timer expires, the
UCS1003-1 will determine whether the charger emulation profile was successful and take appropriate
action.
bit 3
EM_RETRY:
Dedication Charger Emulation bit
Configures whether the DCE Cycle will reset and restart if it reaches the final profile without the portable
device drawing charging current, and accepting one of the profiles. This bit is only used if the UCS1003-1
is configured to emulate a dedicated charger.
1
= Once the DCE Cycle is completed, it will perform emulation Reset and restart from the first enabled
charger emulation profile in the DCE Cycle.
0
= Once the DCE Cycle is completed, it will not restart. The DPOUT and DMOUT will be left as High Z
pins and the port power switch will be closed. The Current-Limiting mode is determined by the
Custom Current Limiting Behavior settings (see Section 10.14.2 “Custom Current-Limiting
Behavior Configuration Register”
).
Note 1:
If the EM_TO_DIS bit is set and the Legacy 1, Legacy 3 or custom charger emulation profiles were
accepted during the DCE cycle, a removal is not detected. To avoid this issue, re-enable the emulation
time-out after applying any test profiles and charging with the ‘final’ profile.
2:
If the HSW_DCE bit is set, the high-speed switch will be closed regardless of the status of the EM_RESP
bit. Leaving the emulation response applied will not allow normal USB traffic. Therefore, prior to setting the
HSW_DCE bit, this bit should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com