Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 85 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 85 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 81Page - Microchip Technology UCS1003-3 Datasheet HTML 82Page - Microchip Technology UCS1003-3 Datasheet HTML 83Page - Microchip Technology UCS1003-3 Datasheet HTML 84Page - Microchip Technology UCS1003-3 Datasheet HTML 85Page - Microchip Technology UCS1003-3 Datasheet HTML 86Page - Microchip Technology UCS1003-3 Datasheet HTML 87Page - Microchip Technology UCS1003-3 Datasheet HTML 88Page - Microchip Technology UCS1003-3 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 85
UCS1003-1/2/3
10.10 Preloaded Emulation Enable
Registers
The Preloaded Emulation Enable registers enable the
charger emulation profiles used by the emulation circuitry.
The contents of these registers are retained in Sleep.
Name
Bits Address
Cof
Default
BCS Emulation Enable
8
20h
R/W
06h
Legacy Emulation
Enable
8
21h
R/W
00h
REGISTER 10-18: BCS EMULATION ENABLE REGISTER (ADDRESS 20h)
U-0
U-0
U-0
R/W-0
U-0
R/W-1
R/W-1
R/W-0
—
—
—
DCP_EM_DIS
—
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4
DCP_EM_DIS:
DCP Charger Emulation Profile in the DCE Cycle Disable bit
This bit is ignored if the M1, M2 and EM_EN control settings have selected DCP mode (see Table 9-1).
1
= The BC1.2 DCP charger emulation profile is not enabled during the DCE Cycle
0
= The BC1.2 DCP charger emulation profile is enabled during the Dedicated Charger Emulation
Cycle mode
bit 3
Unimplemented:
Read as ‘0’
bit 2-0
Reserved:
Do not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com