Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 48 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 44Page - Microchip Technology UCS1003-3 Datasheet HTML 45Page - Microchip Technology UCS1003-3 Datasheet HTML 46Page - Microchip Technology UCS1003-3 Datasheet HTML 47Page - Microchip Technology UCS1003-3 Datasheet HTML 48Page - Microchip Technology UCS1003-3 Datasheet HTML 49Page - Microchip Technology UCS1003-3 Datasheet HTML 50Page - Microchip Technology UCS1003-3 Datasheet HTML 51Page - Microchip Technology UCS1003-3 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 48
 2014-2015 Microchip Technology Inc.
If the RTN_EN control bit is set to ‘0’ prior to reaching
the charge rationing threshold, rationing will be dis-
abled and the Total Accumulated Charge registers will
be cleared. If the RTN_EN bit is set to ‘0’ after the
charge rationing threshold has been reached, the
following will be done:
1.
RATION status bit will be cleared.
2.
The ALERT# pin will be released if asserted by
the rationing circuitry and no other conditions
are present.
3.
The M1, M2, EM_EN, S0 and PWR_EN controls
are checked to determine the power state. See
Note 1
in Table 7-4.
Setting the RTN_RST control bit to ‘1’ will automatically
reset the Total Accumulated Charge registers to
00_00h. If this is done prior to reaching the charge
rationing threshold, the data will continue to be accu-
mulated, restarting from 00_00h. If this is done after the
charge rationing threshold is reached, the UCS1003-1
will take action, as shown in Table 7-3.
7.5
Fault Handling Mechanism
The UCS1003-1/2/3 has two modes for handling
Faults:
• Latch (latch-upon-Fault)
• Auto-Recovery (automatically attempt to restore
the Active power state after a Fault occurs).
If the SMBus is actively utilized, auto-recovery Fault
handling is the default error handler, as determined by
the LATCHS bit (see Section 10.4.3 “Switch
Configuration
Register”
). Otherwise, the Fault
handling mechanism used depends on the state of the
LATCH pin. Faults include overcurrent, overvoltage (on
VS), undervoltage (on VBUS), back-voltage (VBUS to VS
or VBUS to VDD), discharge error and maximum
allowable internal die temperature (TTSD) exceeded
(see Section 5.1.5 “Error State Operation”).
7.5.1
AUTO-RECOVERY FAULT
HANDLING
When the LATCH control is low, auto-recovery Fault
handling is used. When an error condition is detected,
the UCS1003-1/2/3 will immediately enter the Error
state and assert the ALERT# pin (see Section 5.1.5
“Error State Operation”
). Independently from the host
controller, the UCS1003-1/2/3 will wait a preset time
(tCYCLE), check error conditions (tTST) and restore
Active operation if the error condition(s) no longer exist.
If all other conditions that may cause the ALERT# pin
to be asserted have been removed, the ALERT# pin
will be released.
Note:
If the rationing behavior was set to “Report
and Disconnect” when the charge rationing
threshold was reached, and then the
RTN_EN bit is cleared, the portable device
may start charging sub-optimally because
the charger emulation profile has been
removed. Toggle the PWR_EN control to
restart charger emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com