Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 92 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 92 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 88Page - Microchip Technology UCS1003-3 Datasheet HTML 89Page - Microchip Technology UCS1003-3 Datasheet HTML 90Page - Microchip Technology UCS1003-3 Datasheet HTML 91Page - Microchip Technology UCS1003-3 Datasheet HTML 92Page - Microchip Technology UCS1003-3 Datasheet HTML 93Page - Microchip Technology UCS1003-3 Datasheet HTML 94Page - Microchip Technology UCS1003-3 Datasheet HTML 95Page - Microchip Technology UCS1003-3 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 92
 2014-2015 Microchip Technology Inc.
REGISTER 10-24: PRELOADED EMULATION STIMULUS 1 CONFIGURATION 1 REGISTER
(ADDRESS 31h)
U-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
S1_TD_TYPE
S1_TD<2:0>
STIM1<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6
S1_TD_TYPE:
Stimulus 1 Timer Behavior Determination bit
1
= The stimulus timer controls how long the response is applied after the stimulus is detected; the response
is applied immediately and held for the duration of the timer then removed (if the stimulus has been
removed)
0
= The stimulus timer is a delay from when the stimulus is detected until the response is performed
bit 5-3
S1_TD<2:0>:
Stimulus 1 tSTIM_DEL Value Determination bits
000
=0 ms
001
=1 ms
010
=5 ms
011
=10 ms
100
=20 ms
101
=40 ms
110
=80 ms
111
=100 ms
bit 2-0
STIM1<2:0>:
Stimulus 1 Determination Usage bits
Determines the Stimulus 1 that is used as shown below. Note that the lower threshold for the window
comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting cannot be used for
the DMOUT port.
000
= (default) VBUS voltage is ready to be applied before port power switch is closed; next stimulus
will not wait for this to be removed
001
= DPOUT voltage is higher than the threshold (S1_TH)
010
= Window comparator; DPOUT voltage is lower than the threshold (S1_TH) and DPOUT voltage
higher than the fixed threshold
011
=DMOUT voltage is higher than the threshold (S1_TH)
100
= Do not use
101
= Do not use
110
=DPOUT voltage is higher than the threshold (S1_TH)
111
=VBUS voltage is present after port power switch is closed; next stimulus will not wait for this to be
removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com