Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 44 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 40Page - Microchip Technology UCS1003-3 Datasheet HTML 41Page - Microchip Technology UCS1003-3 Datasheet HTML 42Page - Microchip Technology UCS1003-3 Datasheet HTML 43Page - Microchip Technology UCS1003-3 Datasheet HTML 44Page - Microchip Technology UCS1003-3 Datasheet HTML 45Page - Microchip Technology UCS1003-3 Datasheet HTML 46Page - Microchip Technology UCS1003-3 Datasheet HTML 47Page - Microchip Technology UCS1003-3 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 44
 2014-2015 Microchip Technology Inc.
Trip Current-Limiting mode is used by default when the
UCS1003-1/2/3 family is in Data Pass-Through and
Dedicated Charger Emulation Cycle mode (except
when the BC1.2 DCP charger emulation profile is
accepted), and when there’s no handshake. This
method is also used when charger emulation is active.
7.1.4.2
Constant-Current Limiting
(Variable Slope)
Constant-Current Limiting is used when a portable
device handshakes using the BC1.2 DCP charger
emulation profile and the current drawn is greater than
ILIM (and ILIM < 1.68A). It is also used in BC1.2 CDP
mode and during the DCE Cycle when a charger
emulation profile is being applied, and the emulation
time-out is active.
In CC mode, the port power switch allows the attached
portable device to reduce VBUS output voltage to less
than the input VS voltage, while maintaining current
delivery. The V/I slope depends on the user set ILIM
value. This slope is held constant for a given ILIM value.
7.2
Thermal Management and
Voltage Protection
7.2.1
THERMAL MANAGEMENT
The UCS1003-1/2/3 family utilizes two-stage internal
thermal management. The first is named Dynamic
Thermal Management and the second is a Fixed
Thermal Shutdown.
7.2.1.1
Dynamic Thermal Management
For the first stage (active in both Current-Limiting
modes), referred to as Dynamic Thermal Management,
the UCS1003-1/2/3 devices automatically adjust port
power switch limits and modes to lower power dissipa-
tion when the thermal regulation temperature value is
approached, as described below.
If the internal temperature exceeds the TREG value, the
port power switch is opened, the current limit (ILIM) is low-
ered by one step and a timer is started (tDC_TEMP). When
this timer expires, the port power switch is closed and the
internal temperature is checked again. If it remains above
the TREG threshold, the UCS1003-1/2/3 devices repeat
this cycle (open port power switch and reduce the ILIM
setting by one step) until ILIM reaches its minimum value.
If the UCS1003-1/2/3 is operating using Constant-
Current Limiting (variable slope) and the ILIM setting
has been reduced to its minimum set point, and the
temperature is still above TREG, the UCS1003-1/2/3 will
switch to operating using Trip Current-Limiting mode.
This will be done by reducing the IBUS_R2MIN setting to
120 mA and restoring the ILIM setting to the value
immediately below the programmed setting (e.g., if the
programmed ILIM is 2.05A, the value will be set to
1.68A). If the temperature continues to remain above
TREG, the UCS1003-1/2/3 will continue this cycle (open
the port power switch and reduce the ILIM setting by
one step).
If the UCS1003-1/2/3 internal temperature drops below
TREG –TREG_HYST, the UCS1003-1/2/3 will take action
based on the following:
1.
If the Current Limit mode changed from CC
mode to Trip mode, then a timer is started. When
this timer expires, the UCS1003-1/2/3 will reset
the port power switch operation to its original
configuration, allowing it to operate using
Constant-Current Limiting (variable slope).
2.
If the Current Limit mode did not change from CC
mode to Trip mode, or was already operating in
Trip mode, the UCS1003-1/2/3 will reset the port
power switch operation to its original configuration.
If the UCS1003-1/2/3 family is operating using Trip
Current-Limiting mode and the ILIM setting has been
reduced to its minimum set point, and the temperature
is above TREG, the port power switch will be closed and
the current limit will be held at its minimum setting until
the temperature drops below TREG –TREG_HYST.
7.2.1.2
Thermal Shutdown
The second stage consists of a hardware implemented
thermal shutdown corresponding to the maximum
allowable internal die temperature (TTSD). If the internal
temperature exceeds this value, the port power switch
will immediately be turned off until the temperature is
below TTSD –TTSD_HYST.
Note:
To avoid cycling in Trip mode, set ILIM
higher than the highest expected portable
device current draw.
Note 1:
If the temperature exceeds the TREG
threshold while operating in the DCE Cycle
mode, after a charger emulation profile has
been accepted, the profile will be removed.
The UCS1003-1/2/3 will not restart the
DCE Cycle mode until one of the control
inputs changes states to restart emulation.
2:
The UCS1003-1/2/3 will not actively
discharge VBUS as a result of the
temperature exceeding TREG; however,
any load current provided by a portable
device or other load will cause VBUS to be
discharged when the port power switch is
opened, possibly resulting in an attached
portable device resetting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com