Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 39Page - Microchip Technology UCS1003-3 Datasheet HTML 40Page - Microchip Technology UCS1003-3 Datasheet HTML 41Page - Microchip Technology UCS1003-3 Datasheet HTML 42Page - Microchip Technology UCS1003-3 Datasheet HTML 43Page - Microchip Technology UCS1003-3 Datasheet HTML 44Page - Microchip Technology UCS1003-3 Datasheet HTML 45Page - Microchip Technology UCS1003-3 Datasheet HTML 46Page - Microchip Technology UCS1003-3 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 43
UCS1003-1/2/3
7.0
USB PORT POWER SWITCH
To ensure compliance to various charging specifica-
tions, the UCS1003-1/2/3 family contains a USB port
power switch that supports two Current-Limiting modes:
Trip and Constant-Current (variable slope) modes. The
Current-Limit mode (ILIM) is pin-selectable (and may be
updated via the register set). The switch also includes
soft-start circuitry and a separate short-circuit current
limit.
The port power switch is on in the Active state (except
when VBUS is discharging).
7.1
Current Limiting
7.1.1
CURRENT LIMIT SETTING
The UCS1003-1/2/3 hardware set current limit (ILIM)
can be one of eight values (see Table 11-1, which
applies to UCS1003-1, and Table 7-1, which applies to
UCS1003-2 and UCS1003-3). This resistor value is
read once upon the UCS1003-1/2/3 devices’ power-up.
In the case of UCS1003-1, the current limit can be
changed via the SMBus/I2C after power-up; however,
the programmed current limit cannot exceed the
hardware set current limit.
At power-up, the hardware current limit (ILIM) and
Communication mode, in the case of UCS1003-1 (Stand-
Alone or SMBus/I2C), are determined via the pull-down
resistor (or pull-up resistor if connected to VDD) on the
COMM_SEL/ILIM pin, as shown in Table 11-1.
7.1.2
SHORT-CIRCUIT OUTPUT
CURRENT LIMITING
Short-circuit current limiting occurs when the output
current is above the selectable current limit (ILIMx). This
event will be detected and the current will immediately
be limited (within tSHORT_LIM time). If the condition
remains, the port power switch will flag an error condi-
tion and enter the Error state (see Section 5.1.5 “Error
State Operation”
).
7.1.3
SOFT START
When the PWR_EN control changes states to enable
the port power switch, or an Attach Detection event
occurs in the Detect power state and the PWR_EN
control is already enabled, the UCS1003-1/2/3 family
invokes a soft-start routine for the duration of the VBUS
rise time (tR_BUS). This soft-start routine will limit
current flow from VS into VBUS while it is active. This
circuitry will prevent current spikes due to a step in the
portable device current draw.
In the case when a portable device is attached while the
PWR_EN pin is already enabled, if the bus current
exceeds ILIM, the UCS1003-1/2/3 current limiter will
respond within a specified time (tSHORT_LIM) and will oper-
ate normally at this point. The CBUS capacitor will deliver
the extra current, if any, as required by the load change.
7.1.4
CURRENT-LIMITING MODES
The UCS1003-1/2/3 current limiting has two modes: Trip
and Constant-Current (variable slope) modes. Either
mode functions at all times when the port power switch
is closed. The Current-Limiting mode used depends on
the Active state mode (see Section 9.9 “Current Limit
Mode Associations”
). When operating in the Detect
power state (see Section 5.1.3 “Detect State Opera-
tion”
), the current capacity at VBUS is limited to
IBUS_BYP, as described in Section 8.2 “VBUS Bypass
Switch”
.
7.1.4.1
Trip Mode
When using Trip Current-Limiting mode, the
UCS1003-1/2/3 USB port power switch functions as a
low-resistance switch and rapidly turns off if the current
limit is exceeded. While operating using Trip Current-
Limiting mode, the VBUS output voltage will be held
relatively constant (equal to the VS voltage minus the
RON xIBUS current) for all current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM,
the following occurs:
1.
The port power switch will be turned off (Trip
mode action).
2.
The UCS1003-1/2/3 will enter the Error state
and assert the ALERT# pin.
3.
The Fault handling circuitry will then determine
subsequent actions.
TABLE 7-1:
UCS1003-2 AND UCS1003-3
ILIM SELECTION
(1,2)
ILIM Resistor ±5%
ILIM Setting
47 k
 Pull-Down
570 mA
56 k
 Pull-Down
1000 mA
68 k
 Pull-Down
1130 mA
82 k
 Pull-Down
1350 mA
100 k
 Pull-Down
1680 mA
120 k
 Pull-Down
2050 mA
150 k
 Pull-Down
2280 mA
VDD
(if a pull-up resistor is
used, its value must not
exceed 100 k
)
2850 mA
(3000 mA maximum)
Note 1:
Unless otherwise indicated, the values
specified above are the typical ILIM in
Table 1-2.
2:
ILIM pull-down resistors with values less
than 33 k
, connected to UCS1003-2 or
UCS1003-3, will cause unexpected
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com