Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 58 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 54Page - Microchip Technology UCS1003-3 Datasheet HTML 55Page - Microchip Technology UCS1003-3 Datasheet HTML 56Page - Microchip Technology UCS1003-3 Datasheet HTML 57Page - Microchip Technology UCS1003-3 Datasheet HTML 58Page - Microchip Technology UCS1003-3 Datasheet HTML 59Page - Microchip Technology UCS1003-3 Datasheet HTML 60Page - Microchip Technology UCS1003-3 Datasheet HTML 61Page - Microchip Technology UCS1003-3 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 58
 2014-2015 Microchip Technology Inc.
9.11.4
LEGACY 5 CHARGER
EMULATION PROFILE
Legacy 5 charger emulation profile does the following:
1.
The UCS1003-1 will apply 900 mV to both the
DPOUT and the DMOUT pins.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1003-1 will accept that the currently applied
profile is the correct charger emulation profile
for the attached portable device; charging
commences. The voltages applied to the DPOUT
and DMOUT pins will remain in place (unless
EM_RESP is set to ‘0b’). The UCS1003-1 will
begin operating in Trip mode or CC mode, as
determined by the IBUS_R2MIN setting (see
Section 10.14
“Current-Limiting
Behavior
Configuration Registers”
).
4.
If the portable device does not draw more than
IBUS_CHG current when the tEM_TIMEOUT timer
expires, the UCS1003-1 will stop the currently
applied charger emulation profile. This will
cause all voltages put onto the DPOUT and
DMOUT pins to be removed. Emulation Reset
occurs and the UCS1003-1 will initiate the next
charger emulation profile.
9.11.5
LEGACY 7 CHARGER
EMULATION PROFILE
The Legacy 7 charger emulation profile does the
following:
1.
The UCS1003-1 will apply a voltage on the
DPOUT pin using a voltage divider between VBUS
and ground with the center tap on the DPOUT
pin.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS1003-1 will accept that Legacy 7 is the
correct charger emulation profile for the
attached
portable
device.
Charging
commences. The voltage applied to the DPOUT
pin will remain in place (unless EM_RESP is set
to 0b). The UCS1003-1 will begin operating in
Trip mode or CC mode, as determined by the
IBUS_R2MIN
setting
(see
Section 10.14
“Current-Limiting
Behavior
Configuration
Registers”
).
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS1003-1 will stop the Legacy 7
charger emulation profile. This will cause the
voltage put onto the DPOUT pin to be removed.
Emulation reset occurs, and the UCS1003-1 will
initiate the next charger emulation profile.
9.12
Preloaded Charger
Emulation Profiles in UCS1003-2
and UCS1003-3
The following charger emulation profiles are resident to
the UCS1003-2/3:
• Legacy 1 Charger Emulation Profile
• Legacy 2, 4, 5 and 7 Charger Emulation Profiles
• Legacy 3 Charger Emulation Profile
• Legacy 6 Charger Emulation Profile
• BC1.2 CDP Charger Emulation Profile
• BC1.2 DCP Charger Emulation Profile
9.12.1
LEGACY 1 CHARGER
EMULATION PROFILE
Legacy 1 charger emulation profile does the following:
1.
The UCS1003-2/3 will apply 900 mV to both the
DPOUT and the DMOUT pins.
2.
VBUS voltage is applied.
3.
If the portable device is charging, the
UCS1003-2/3 will accept that the currently
applied profile is the correct charger emulation
profile for the attached portable device; charging
commences. The voltages applied to the DPOUT
and DMOUT pins will remain in place. The
UCS1003-2/3 will begin operating in Trip mode.
4.
If the portable device is not charging, the
UCS1003-2/3 will stop the currently applied
charger emulation profile. This will cause all volt-
ages put onto the DPOUT and DMOUT pins to be
removed. Emulation Reset occurs and the
UCS1003-2/3 will initiate the next charger
emulation profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com