Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 47 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 47 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 43Page - Microchip Technology UCS1003-3 Datasheet HTML 44Page - Microchip Technology UCS1003-3 Datasheet HTML 45Page - Microchip Technology UCS1003-3 Datasheet HTML 46Page - Microchip Technology UCS1003-3 Datasheet HTML 47Page - Microchip Technology UCS1003-3 Datasheet HTML 48Page - Microchip Technology UCS1003-3 Datasheet HTML 49Page - Microchip Technology UCS1003-3 Datasheet HTML 50Page - Microchip Technology UCS1003-3 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 47
UCS1003-1/2/3
TABLE 7-4:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New
Behavior
Actions taken
Ignore
Report
Assert ALERT# pin.
Report
and
Disconnect
1.
Assert ALERT# pin.
2.
Remove charger emulation profile.
3.
Open port power switch. See the Report and Disconnect (default) in Table 7-2.
Disconnect
and
Go to Sleep
1.
Remove charger emulation profile.
2.
Open port power switch.
3.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-2.
Report
Ignore
Release ALERT# pin.
Report
and
Disconnect
Open port power switch. See the Report and Disconnect (default) entry in Table 7-2.
Disconnect
and
Go to Sleep
1.
Release the ALERT# pin.
2.
Remove charger emulation profile.
3.
Open the port power switch.
4.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-2.
Report and
Disconnect
Ignore
1.
Release the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls, and enter the indicated
power state if the controls changed (see Note 1).
Report
Check the M1, M2, EM_EN, S0 and PWR_EN controls, and enter the indicated
power state if the controls changed (see Note 1).
Disconnect
and
Go to Sleep
1.
Release the ALERT# pin.
2.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-2.
Disconnect
and Go to
Sleep
Ignore
Check the M1, M2, EM_EN, S0 and PWR_EN controls, and enter the indicated
power state if the controls changed (see Note 1).
Report
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls, and enter the indicated
power state if the controls changed (see Note 1).
Report
and
Disconnect
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls to determine the power
state, then enter that state, except that the port power switch and bypass
switch will not be closed (see Note 1).
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS1003-1 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com