Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 38 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 38 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 34Page - Microchip Technology UCS1003-3 Datasheet HTML 35Page - Microchip Technology UCS1003-3 Datasheet HTML 36Page - Microchip Technology UCS1003-3 Datasheet HTML 37Page - Microchip Technology UCS1003-3 Datasheet HTML 38Page - Microchip Technology UCS1003-3 Datasheet HTML 39Page - Microchip Technology UCS1003-3 Datasheet HTML 40Page - Microchip Technology UCS1003-3 Datasheet HTML 41Page - Microchip Technology UCS1003-3 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 38
 2014-2015 Microchip Technology Inc.
5.3
Discrete Input Pins
5.3.1
COMM_SEL/ILIM INPUT
The COMM_SEL/ILIM input determines the initial ILIM
settings and the Communications mode, as shown in
Table 11-1.
5.3.2
SEL INPUT
The SEL pin selects the polarity of the PWR_EN
control. If the SEL pin is high, the PWR_EN control is
active-high enable. If the SEL pin is low, the PWR_EN
control is active-low enable. In addition, if the
UCS1003-1 is not configured to operate in Stand-Alone
mode, the SEL pin determines the SMBus address.
See Table 11-2. The SEL pin state is latched upon
device power-up and further changes will have no
effect.
5.3.3
M1, M2 AND EM_EN INPUTS
The M1, M2 and EM_EN input controls determine the
Active mode and affect the power state (see Table 5-2
and Table 9-1). When these controls are all set to ‘0’
and PWR_EN is enabled, the UCS1003-1/2/3 Attach
and Removal Detection feature is disabled. In case of
the UCS1003-1 configured in SMBus mode, the M1,
M2 and EM_EN pin states will be ignored by the
UCS1003-1 if the PIN_IGN Configuration bit is set (see
Section 10.4.3 “Switch Configuration Register”
);
otherwise, the M1_SET, M2_SET and EM_EN_SET
Configuration bits (see Section 10.4.3 “Switch
Configuration Register”
) are checked along with the
pins.
5.3.4
PWR_EN INPUT
The PWR_EN control enables the port power switch to
be turned on if conditions are met and affects the power
state (see Table 5-2). The port power switch cannot be
closed if PWR_EN is disabled. However, if PWR_EN is
enabled, the port power switch is not necessarily
closed (see Section 5.1.4 “Active State Operation”).
Polarity is controlled by the SEL pin. In the case of the
UCS1003-1 configured in SMBus mode, the PWR_EN
pin state will be ignored by the UCS1003-1 if the
PIN_IGN Configuration bit is set (see Section 10.4.3
“Switch Configuration Register”
); otherwise, the
PWR_ENS Configuration bit (see Section 10.4.3
“Switch Configuration Register”
) is checked along
with the pin.
5.3.5
LATCH INPUT
The latch input control determines the behavior of the
Fault handling mechanism (see Section 7.5 “Fault
Handling Mechanism”
).
When the UCS1003-1 is configured to operate in
Stand-Alone mode (see Section 11.3 “Stand-Alone
Operating Mode”
), the latch control is available
exclusively via the LATCH pin (see Table 11-10). When
the UCS1003-1 is configured to operate in SMBus
mode, the latch control is available exclusively via the
LATCHS
Configuration
bit
(see
Section 10.4.3
“Switch Configuration Register”
).
5.3.6
S0 INPUT
The S0 control enables the Attach and Removal
Detection feature, and affects the power state (see
Table 5-2). When S0 is set to ‘1’, an Attach Detection
event must occur before the port power switch can be
turned on. When S0 is set to ‘0’, the Attach and
Removal Detection feature is not enabled.
When the UCS1003-1 is configured to operate in
SMBus mode (see Section 11.3 “Stand-Alone Oper-
ating Mode”
), the S0 control is available exclusively
via the S0_SET Configuration bit (see Section 10.4.3
“Switch Configuration Register”
). Otherwise, the S0
control is available exclusively via the S0 pin since the
SMBus protocol will be disabled.
Note:
If it is necessary to connect any of the
control pins, except the COMM_SEL/ILIM
or SEL pins, via a resistor to VDD or GND,
the resistor value should not exceed
100 k
 in order to meet the VIH and VIL
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com