Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 66 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 66 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 62Page - Microchip Technology UCS1003-3 Datasheet HTML 63Page - Microchip Technology UCS1003-3 Datasheet HTML 64Page - Microchip Technology UCS1003-3 Datasheet HTML 65Page - Microchip Technology UCS1003-3 Datasheet HTML 66Page - Microchip Technology UCS1003-3 Datasheet HTML 67Page - Microchip Technology UCS1003-3 Datasheet HTML 68Page - Microchip Technology UCS1003-3 Datasheet HTML 69Page - Microchip Technology UCS1003-3 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 66
 2014-2015 Microchip Technology Inc.
REGISTER 10-3:
INTERRUPT STATUS REGISTER (ADDRESS 10h)
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ERR(1,2)
DISCH_ERR
RESET
KEEP_OUT
TSD
OV_VOLT
BACK_V
OV_LIM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ERR:
Error Detection Status bit(1,2)
Indicates that an error was detected and the device has entered the Error state. Writing this bit to a ‘0’
will clear the Error state and allows the device to be returned to the Active state. When written to ‘0’, all
error conditions are checked. If all error conditions have been removed, the UCS1003-1 returns to the
Active state. This bit is set automatically by the UCS1003-1 when the Error state is entered. Regardless
of the Fault handling mechanism used, if any other bit is set in the Interrupt Status register (10h), the
device will not leave the Error state.
This bit is cleared automatically by the UCS1003-1 if the auto-recovery Fault handling functionality is
active and no error conditions are detected. Likewise, this bit is cleared when the PWR_EN control is
disabled.
1
= One or more errors have been detected and the UCS1003-1 has entered the Error state
0
= There are no errors detected.
bit 6
DISCH_ERR:
Discharge VBUS Error Status bit
Indicates that the UCS1003-1 was unable to discharge the VBUS node. This bit will be cleared when read
if the error condition has been removed or if the ERR bit is cleared. This bit will cause the ALERT# pin
to be asserted and the device to enter the Error state.
1
= UCS1003-1 was unable to discharge the VBUS node
0
= No VBUS discharge error.
bit 5
RESET:
Reset Status bit
Indicates that UCS1003-1 has just been reset and should be reprogrammed. This bit will be set at
power-up. This bit is cleared when read or when the PWR_EN control is toggled. The ALERT# pin is not
asserted when this bit is set. This data is retained in the Sleep state.
1
= UCS1003-1 has just been reset
0
= Reset did not occur.
bit 4
KEEP_OUT:
V-I Output on VBUS Pins Status bit
Indicates that the V-I output on the VBUS pins has dropped below VBUS_MIN. This bit will be cleared when
read if the error condition has been removed or if the ERR bit is cleared. This bit will cause the ALERT#
pin to be asserted and the device to enter the Error state.
1
= VBUS < VBUS_MIN
0
= VBUS > VBUS_MIN
bit 3
TSD:
TTSD Threshold Internal Temperature Status bit
Indicates that the internal temperature has exceeded the TTSD threshold and the device has entered the
Error state. This bit will be cleared when read if the error condition has been removed or if the ERR bit
is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
= Internal temperature > TTSD
0
= Internal temperature < TTSD
Note 1:
If the auto-recovery Fault handling is not used, the ERR bit must be written to a logic ‘0’ to be cleared. It
will also be cleared when the PWR_EN control is disabled.
2:
Note that the ERR bit does not necessarily reflect the ALERT# pin status. The ALERT# pin may be
cleared or asserted without the ERR bit changing states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com