Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 102 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 102 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 98Page - Microchip Technology UCS1003-3 Datasheet HTML 99Page - Microchip Technology UCS1003-3 Datasheet HTML 100Page - Microchip Technology UCS1003-3 Datasheet HTML 101Page - Microchip Technology UCS1003-3 Datasheet HTML 102Page - Microchip Technology UCS1003-3 Datasheet HTML 103Page - Microchip Technology UCS1003-3 Datasheet HTML 104Page - Microchip Technology UCS1003-3 Datasheet HTML 105Page - Microchip Technology UCS1003-3 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
UCS1003-1/2/3
DS20005346B-page 102
 2014-2015 Microchip Technology Inc.
REGISTER 10-32: PRELOADED EMULATION STIMULUS 3 CONFIGURATION 1 REGISTER
(ADDRESS 39h)
U-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
S3_TD_TYPE
S3_TD<2:0>
STIM3<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6
S3_TD_TYPE:
Stimulus 3 Timer Behavior Determination bit
1
= The stimulus timer controls how long the response is applied after the stimulus is detected; the
response is applied immediately and held for the duration of the timer, then removed (if the stimulus
has been removed)
0
= The stimulus timer is a delay from when the stimulus is detected until the response is performed
bit 5-3
S3_TD<2:0>:
Stimulus 3 tSTIM_DEL Determination Value bits
000
= 0 ms
001
= 1 ms
010
= 5 ms
011
= 10 ms
100
= 20 ms
101
= 40 ms
110
= 80 ms
111
= 100 ms
bit 2-0
STIM3<2:0>:
Stimulus 3 Determination Usage bits
Determines the Stimulus 3 that is used as shown below. Note that the lower threshold for the window
comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting cannot be used for
the DMOUT port.
000
=VBUS voltage is ready to be applied before port power switch is closed; next stimulus will not wait
for this to be removed
001
= DPOUT voltage is greater than the threshold (S3_TH)
010
= Window comparator; DPOUT voltage is less than the threshold (S3_TH) and DPOUT voltage is
greater than the fixed threshold
011
=DMOUT voltage is greater than the threshold (S3_TH)
100
= Do not use
101
= Do not use
110
=DPOUT voltage is greater than the threshold (S3_TH)
111
= Voltage is present after the port power switch is closed; next stimulus will not wait for this to be
removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com