Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1003-3 Datasheet(PDF) 107 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 107 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 103Page - Microchip Technology UCS1003-3 Datasheet HTML 104Page - Microchip Technology UCS1003-3 Datasheet HTML 105Page - Microchip Technology UCS1003-3 Datasheet HTML 106Page - Microchip Technology UCS1003-3 Datasheet HTML 107Page - Microchip Technology UCS1003-3 Datasheet HTML 108Page - Microchip Technology UCS1003-3 Datasheet HTML 109Page - Microchip Technology UCS1003-3 Datasheet HTML 110Page - Microchip Technology UCS1003-3 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 107
UCS1003-1/2/3
REGISTER 10-35: CUSTOM EMULATION CONFIGURATION REGISTER (ADDRESS 40h)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R/W-1
—
—
CS_TO_DIS
CS_EM_TO<1:0>
CS_FRST
RESERVED
CSEM_DIS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
CS_TO_DIS:
Emulation Time-out Timer Disable bit
Disables the emulation time-out timer when the custom charger emulation profile is applied during the
DCE Cycle. If the EM_TO_DIS is set, this bit will have no effect.(1)
1
= The emulation time-out timer is disabled when the custom charger emulation profile is applied during
the DCE Cycle. When the custom charger emulation profile is being applied, the UCS1003-1 will be
constantly monitoring the IBUS current. When the IBUS current is greater than IBUS_CHG, regardless
of the reason, then the custom charger emulation profile will be accepted. If the portable device does
not draw more than IBUS_CHG current, then the UCS1003-1 will continue waiting until this bit is
cleared.
0
= The emulation time-out timer is enabled when the custom charger emulation profile is applied during
the DCE Cycle and the EM_TO_DIS bit is not set
bit 4-3
CS_EM_TO<1:0>:
tEM_TIMEOUT Value During Custom Charger Emulation Value bits
These bits are used when the custom charger emulation profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
= 6.4s
11
= 12.8s
bit 2
CS_FRST:
Custom Charger Emulation Profile Disable bit
1
= The custom charger emulation profile is the first of the profiles applied during the DCE Cycle
0
= The custom charger emulation profile is the last of the profiles applied during the DCE Cycle
bit 1
Reserved:
Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
bit 0
CSEM_DIS:
Custom Charger Emulation Profile Placement in DCE Cycle bit
1
= The custom charger emulation profile is not enabled
0
= The custom charger emulation profile is enabled
Note 1:
If the CS_TO_DIS bit is set and the custom charger emulation profile was accepted during the DCE Cycle,
a removal is not detected. To avoid this issue, re-enable the emulation time-out after applying any test
profiles and charging with the ‘final’ profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com