Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
33
Version: DM9102A-DS-F03
August 28, 2000
11
GPTE
0,RW
General-purpose Timer Expired Enable
This bit is set together with CR7<15>, CR5<11> then it will enable the interrupt for
the condition of the general-purpose timer (described in CR11) expired.
10
TXERE
0,RW
Transmit Early Interrupt Enable
This bit is set together with CR7<16>, CR5<10> then it enables the interrupt of the
early transmit event.
9
RXWTE
0,RW
Receive Watchdog Timer Expired Enable
When this bit and CR7<15>, (CR5<9> are set together, it enable the interrupt of the
condition of the receive watchdog timer expired.
8
RXPSE
0,RW
Receive Process Stopped Enable
When set together with CR7<15> and CR5<8>. This bit is set to enable the
interrupt of receive process stopped condition.
7
RXDUE
0,RW
Receive Buffer Unavailable Enable
When this bit and CR7<15>, CR5<7> are set together, it will enable the interrupt of
receive buffer unavailable condition.
6
RXCIE
0,RW
Receive Complete Interrupt Enable
When this bit and CR7<16>, CR5<6> are set together, it will enable the interrupt of
receive process complete condition.
5
TXFUE
0,RW
Transmit FIFO Underrun Enable
When set together with CR7<15>, CR5<5>, it will enable the interrupt of transmit
FIFO underrun condition.
4
Reserved
0,RO
Reserved
3
TXJTE
0,RW
Transmit Jabber Timer Expired Enable
When this bit and CR7<15>, CR5<3> are set together, it enables the interrupt of
transmit Jabber Timer Expired condition.
2
TXDUE
0,RW
Transmit Buffer Unavailable Enable
When this bit and CR7<16>, CR5<2> are set together, transmit buffer unavailable
interrupt is enabled.
1
TXPSE
0,RW
Transmit Process Stopped Enable
When this bit is set together with CR7<15> and CR5<1>, it will enable the interrupt
of the transmit process stopped
0
TXCIE
0,RW
Transmit Complete Interrupt Enable
When this bit and CR7<16>, CR5<0> are set, the transmit interrupt is enabled.
9. Statistical Counter Register (CR8)
31
30
29 28 27 26 25 24 23 22 21 20 19 18
17
16
15
14
13 12
11 10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
31
RXFU
0,RO
Receive Overflow Counter Overflow
This bit is set when the Purged Packet Counter (RXDU) has an overflow condition.
It is a read only register bit.
30:17
RXDU
0,RO
Receive Purged Packet Counter
This is a statistic counter to indicate the purged received packet count upon FIFO
overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com