Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 71Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 72Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 73Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 74Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 75Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 76Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 77Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
76
Final
Version: DM9102A-DS-F03
August 28, 2000
Package Information
TQFP 128L Outline Dimensions
Unit: Inches/mm
y
Symbol
Dimensions In Inches
Dimensions In mm
A
0.047 Max.
1.20 Max.
A1
0.004
± 0.002
0.1
± 0.05
A2
0.039
± 0.002
1.0
± 0.05
b0.006
+0.003
–0.001
0.16
+0.07
–0.03
c0.006
± 0.002
0.15
± 0.05
D0.551
± 0.005
14.00
± 0.13
E0.551
± 0.005
14.00
± 0.13
e
0.016 BSC.
0.40 BSC.
F
0.494 NOM.
12.56 NOM.
GD
0.606 NOM.
15.40 NOM.
HD
0.630
± 0.006
16.00
± 0.15
HE
0.630
± 0.006
16.00
± 0.15
L0.024
± 0.006
0.60
± 0.15
L1
0.039 Ref.
1.00 Ref.
y
0.003 Max.
0.08 Max.
θ
0
° ~ 12°
0
° ~ 12°
Note:
1. Dimension D & E do not include resin fins.
2. Dimension G
D
is for PC Board surface mount, pad pitch design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com