Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
43
Version: DM9102A-DS-F03
August 28, 2000
0= Normal Operation
0.6:0.0
Reserved
<0000000>,
RO
Reserved. Write as 0, ignore on read
Basic Mode Status Register (BMSR) – 1
Bit
Name
Default
Description
1.15
100BASE-T4
0,RO/P
100BASE-T4 Capable:
1=DM9102A is able to perform in 100BASE-T4 mode
0=DM9102A is not able to perform in 100BASE-T4 mode
1.14
100BASE-TX
Full Duplex
1,RO/P
100BASE-TX FULL DUPLEX CAPABLE:
1= DM9102A able to perform 100BASE-TX in Full Duplex mode
0= DM9102A not able to perform 100BASE-TX in Full Duplex mode
1.13
100BASE-TX
Half Duplex
1,RO/P
100BASE-TX Half Duplex Capable:
1=DM9102A is able to perform 100BASE-TX in Half Duplex mode
0=DM9102A is not able to perform 100BASE-TX in Half Duplex mode
1.12
10BASE-T
Full Duplex
1,RO/P
10BASE-T Full Duplex Capable:
1=DM9102A is able to perform 10BASE-T in Full Duplex mode
0=DM9102A is not able to perform 10BASE-T in Full Duplex mode
1.11
10BASE-T
Half Duplex
1,RO/P
10BASE-T Half Duplex Capable:
1=DM9102A is able to perform 10BASE-T in Half Duplex mode
0=DM9102A is not able to perform 10BASE-T in Half Duplex mode
1.10-1.7
Reserved
0000,RO
Reserved:
Write as 0, ignore on read
1.6
MF Preamble
Suppression
0,RO
MII Frame Preamble Suppression:
1=PHY will accept management frames with preamble suppressed
0=PHY will not accept management frames with preamble suppressed
1.5
Auto-negotiation
Complete
0,RO
Auto-negotiation Complete:
1=Auto-negotiation process completed
0=Auto-negotiation process not completed
1.4
Remote Fault
0,
RO/LH
Remote Fault:
1= Remote fault condition detected (cleared on read or by a chip reset). Fault
criteria and detection method is DM9102A implementation specific. This bit will
set after the RF bit in the ANLPAR (bit 13, register address 05) is set
0= No remote fault condition detected
1.3
Auto-negotiation
Ability
1,RO/P
Auto Configuration Ability:
1=DM9102A able to perform Auto-negotiation
0=DM9102A not able to perform Auto-negotiation
1.2
Link Status
0,RO/LL
Link Status:
1=Valid link established (for either 10Mbps or 100Mbps operation)
0=Link not established
The link status bit is implemented with a latching function, so that the
occurrence of a link failure condition causes the Link Status bit to be cleared
and remain cleared until it is read via the management interface
1.1
Jabber Detect
0,
RO/LH
Jabber Detect:
1=Jabber condition detected
0=No jabber
This bit is implemented with a latching function. Jabber conditions will set this
bit unless it is cleared by a read to this register through a management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com