Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
59
receive FIFO can be accessed from CR13 & CR14 by
programming CR6<28:25> = 0011.
The operational sequence from D0 to D3 should be:
Stop TX/RX process
wait for entering stop state
set
test mode, CR6<28:25> = 0011
programming FIFO
contents
exit test mode
enter D3(hot) state
The sample frame data comparison is completed when the
received frame data has exceeded the programmed frame
length or the full packet has been fully received. The
operation procedure is shown below.
DM9102A can handle 8 sample frames.
The max byte count is 256 byte each
sample frame.
Frame0
data0
Frame1
data0
Frame2
data0
Frame3
data0
0
4
508
byte
byte
byte
byte
0
7
8
15
16
23
24
31
252
256
Frame0
Mask 0
Frame1
Mask 0
Frame2
Mask 0
Frame3
Mask 0
0
4
byte
byte
byte
byte
0
7
8
15
16
23
24
31
508
TX FIFO 2K byte= 8 * 256
bit1
bit0
description
00
01
10
1
1
end of mask(sample frame)
this byte musk check
this byte don’t care
this byte don’t care
Frame mask definition: only used bit0&bit1
mask_data mapping
Frame4
data0
Frame5
data0
Frame6
data0
Frame7
data0
260
260
256
252
Frame4
Mask 0
Frame5
Mask 0
Frame6
Mask 0
Frame7
Mask 0
RX FIFO 2K byte= 8 * 256
data1
data1
data1
data1
data1
data1
data1
data1
Mask 1 Mask 1
Mask 1 Mask 1
Mask 1 Mask 1
Mask 1 Mask 1
CR13: Sample Frame Access Register
Name
General definition
Bit8:3
Type
TxFIFO
Transmit FIFO access port
32h
R/W
RxFIFO
Receive FIFO access port
35h
RW
DiagReset
General reset for diagnostic pointer port
38h
RW
In DiagReset port there are 7 bits:
Bit 0: clear TX FIFO write_address to 0.
Bit 1: clear TX FIFO read_address to 0.,
Bit 2: clear RX FIFO write_address to 0.
Bit 3: clear RX FIFO read_address to 0.,
Bit 4: reserved.
Bit 5: set TX FIFO write_address to 100H.,
Bit 6: set RX FIFO write_address to 100H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com