Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM9102AF Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
1
Version: DM9102A-DS-F03
August 28, 2000
General Description
The DM9102A is a fully integrated and cost-effective single
chip Fast Ethernet NIC controller. It is designed with the low
power and high performance process. It is a 3.3V device
with 5V tolerance then it supports 3.3V and 5V signaling.
The DM9102A provides direct interface to the PCI or the
CardBus. It supports bus master capability and fully
complies with PCI 2.2. In media side, The DM9102A
interfaces to the UTP3,4,5 in 10Base-T and UTP5 in
100Base-TX. It is fully compliance with the IEEE 802.3u
Spec. Its auto-negotiation function will automatically
configure the DM9102A to take the maximum advantage of
its abilities. The DM9102A is also support IEEE 802.3x full-
duplex flow control.
The DM9102A supports two types of power-management
mechanisms. The main mechanism is based upon the
OnNow architecture, which is required for PC99. The
alternative mechanism is based upon the remote Wake-On-
LAN mechanism.
Block Diagram
DMA
EEPROM
Interface
Boot ROM /
MII Interface
PCI
Interface
TX+/-
RX+/-
MII Management Control
& MII Register
Autonegotiation
LED Driver
Power
Management
Block
PME#
WOL
RX
Machine
RX
FIFO
TX
FIFO
TX
Machine
MAC
MII
NRZ to NRZI
NRZI to MLT3
Parallel to
Serial
Scrambler
4B/5B
Encoding
MLT3 to NRZI
NRZI to NRZ
Parallel to
Serial
De-
Scrambler
4B/5B
Decoding
AEQ
PHYceiver


Similar Part No. - DM9102AF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DM9102A PULSE-DM9102A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DM9102AF

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com