Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
55
Version: DM9102A-DS-F03
August 28, 2000
2. Transmit Data Buffer Processing
When start/stop transmit command is set and the DM9102A
is in running state, transmit process polls transmit descriptor
list for frames requiring transmission. When it completes a
frame transmission, the status related to the transmitted
frame will be written into the transmit descriptor. If the
DM9102A detects a descriptor flagged as owned by the
host and no transmit buffers are available, transmit process
will be suspended. While in the running state, transmit
process can simultaneously acquire two frames. As transmit
process completes copying the first frame, it immediately
polls transmit descriptor list for the second frame. If the
second frame is valid, transmit process copies the frame
before writing the status information of the first frame.
Both conditions will make transmit process suspend. (i) The
DM9102A detects a descriptor owned by the host. (ii) A
frame transmission is aborted when a locally induced error is
detected. Under either condition, the host driver has to
service the condition before the DM9102A can resume.
Stop State
Descriptor
Access
Data
Transfer
Write
Status
Suspended
Buffer Available
( OWN bit = 1 )
Frame Fully Transmited
Start Transmit Command Or
Transmit Poll Command
Under FIFO Threshold
Buffer not Empty
Buffer Empty
Transmit Buffer Unavailable
( Owned By Host )
Transmit Poll Command
Stop Transmit Command Or
Reset Command
Transmit Buffer Management State Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com