Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
45
Version: DM9102A-DS-F03
August 28, 2000
1=Local Device senses a fault condition
0=No fault detected
4.12-4.11
Reserved
00, RW
Reserved:
Write as 0, ignore on read
4.10
FCS
0, RW
Flow Control Support:
1=Controller chip supports flow control ability
0=Controller chip doesn’t support flow control ability
4.9
T4
0, RO/P
100BASE-T4 Support:
1=100BASE-T4 supported by the local device
0=100BASE-T4 not supported
The DM9102A does not support 100BASE-T4 so this bit is permanently
4.8
TX_FDX
1, RW
100BASE-TX Full Duplex Support:
1=100BASE-TX Full Duplex supported by the local device
4.7
TX_HDX
1, RW
100BASE-TX Support:
1=100BASE-TX supported by the local device
0=100BASE-TX not supported
4.6
10_FDX
1, RW
10BASE-T Full Duplex Support:
1=10BASE-T Full Duplex supported by the local device
0=10BASE-T Full Duplex not supported
4.5
10_HDX
1, RW
10BASE-T Support:
1=10BASE-T supported by the local device
0=10BASE-T not supported
4.4-4.0
Selector
<00001>,
RW
Protocol Selection Bits:
These bits contain the binary encoded protocol selector supported by this
node. <00001> indicates that this device supports IEEE 802.3 CSMA/CD.
Auto-negotiation Link Partner Ability Register (ANLPAR) – 5
This register contains the advertised abilities of the link partner when received during Auto-negotiation.
Bit
Name
Default
Description
5.15
NP
0, RO
Next Page Indication:
0= Link partner, no next page available
1= Link partner, next page available
5.14
ACK
0, RO
Acknowledge:
1=Link partner ability data reception acknowledged
0=Not acknowledged
The DM9102A's Auto-negotiation state machine will automatically control this
bit from the incoming FLP bursts. Software should not attempt to write to this
bit.
5.13
RF
0, RO
Remote Fault:
1=Remote fault indicated by link partner
0=No remote fault indicated by link partner
5.12-5.10
Reserved
000, RO
Reserved:
Write as 0, ignore on read
5.9
T4
0, RO
100BASE-T4 Support:
1=100BASE-T4 supported by the link partner
0=100BASE-T4 not supported by the link partner
5.8
TX_FDX
0, RO
100BASE-TX Full Duplex Support:
1=100BASE-TX Full Duplex supported by the link partner
0=100BASE-TX Full Duplex not supported by the link partner
5.7
TX_HDX
0, RO
100BASE-TX Support:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com