Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
13
Version: DM9102A-DS-F03
August 28, 2000
It connects to a 6200 , 1% error tolerance resistor between
this pin and BGRESG pin to provide an accurate current
reference for DM9102A..
101
BGRESG
I
For Bandgap circuit
It is used together with the BGRESG pin.
116
ISOLATE#
I
Isolate
This isolate signal is used to isolate the DM9102A from the
system, and it is suitable for LAN on motherboard. When
isolate signal is active low, it disables the DM9102A function
and the DM9102A will not drive any outputs and sample inputs.
In this case, the power consumption is minimum.
Power Pins
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
100,107,
108
AGND
P
Analog ground
103,104,
111,112
AVDD
P
Analog power, +3.3V
8,9,15,22,28,29,35,37,45,
46,58,76,86,99,125
DGND
P
Digital ground
4,5,12,18,19,25,32,42,52,
53,61,70,82,96,120
DVDD
P
Digital power, +3.3V
NOTE :
LED Mode
Pin No.
128QFP/128TQFP
MODE 0
MODE 1
87
LINK&ACT#
Link and traffic LED
ACT#
Traffic LED
88
FDX#
Full-duplex LED
FDX#
Full-duplex LED
89
SPEED100#
100Mbps LED
SPEED100#
100Mbps LED
90
SPEED10#
10Mbps LED
LINK#
Link LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com