Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
46
Final
Version: DM9102A-DS-F03
August 28, 2000
1=100BASE-TX Half Duplex supported by the link partner
0=100BASE-TX Half Duplex not supported by the link partner
5.6
10_FDX
0, RO
10BASE-T Full Duplex Support:
1=10BASE-T Full Duplex supported by the link partner 0=10BASE-T Full
Duplex not supported by the link partner
5.5
10_HDX
0, RO
10BASE-T Support:
1=10BASE-T Half Duplex supported by the link partner
0=10BASE-T Half Duplex not supported by the link partner
5.4-5.0
Selector
<00000>,
RO
Protocol Selection Bits:
Link partner’s binary encoded protocol selector
Auto-Negotiation Expansion Register (ANER) – 6
Bit
Name
Default
Description
6.15-6.5
Reserved
0, RO
Reserved:
Write as 0, ignore on read
6.4
PDF
0, RO/LH Local Device Parallel Detection Fault:
PDF=1: A fault detected via parallel detection function.
PDF=0: No fault detected via parallel detection function
6.3
LP_NP_ABLE
0, RO
Link Partner Next Page Able:
LP_NP_ABLE=1: Link partner, next page available
LP_NP_ABLE=0: Link partner, no next page
6.2
NP_ABLE
0,RO/P
Local Device Next Page Able:
NP_ABLE=1: DM9102A, next page available
NP_ABLE=0: DM9102A, no next page
DM9102A does not support this function, so this bit is always 0.
6.1
PAGE_RX
0, RO/LH New Page Received:
A new link code word page received. This bit will be automatically
cleared when the register (Register 6) is read by management
6.0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able:
A “1” in this bit indicates that the link partner supports Auto-negotiation.
DAVICOM Specified Configuration Register (DSCR) - 10h
Bit
Name
Default
Description
16.15:16.8
Reserved
0, RO
Reserved
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps:
0 = Normal 100Mbps operation
1 = Force 100Mbps good link status
This bit is useful for diagnostic purposes.
16.6:16.4
Reserved
0,RO
Reserved
16.3
SMRST
0,RW
Reset State Machine:
When writes 1 to this bit, all state machines of PHY will be reset. This bit is
self-clear after reset is completed.
16.2
MFPSC
0,RW
MF Preamble Suppression Control:
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com