Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
7
Version: DM9102A-DS-F03
August 28, 2000
Pin Description
I = Input, O = Output, I/O = Input / Output, O/D = Open Drain, P = Power,
LI = reset Latch Input, # = asserted Low
PCI Bus and CardBus Interface Signals
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
113
INT#
O/D
Interrupt Request
This signal will be asserted low when an interrupt condition
as defined in CR5 is set, and the corresponding mask bit in
CR7 is not set.
114
RST#
I
System Reset
When this signal is asserted low, DM9102A performs the
internal system reset to its initial state.
115
PCICLK
I
PCI system clock
PCI bus clock that provides timing for DM9102A related to
PCI bus transactions. The clock frequency range is up to
40MHz.
117
GNT#
I
Bus Grant
This signal is asserted low to indicate that DM9102A has
been granted ownership of the bus by the central arbiter.
118
REQ#
O
Bus Request
The DM9102A will assert this signal low to request the
ownership of the bus.
119
PME#
O/D
Power ManagementEvent.
Open drain. Active Low. The DM9102A drive it low to
indicates that a power management event has occurred.
3
IDSEL
I
Initialization Device Select
This signal is asserted high during the Configuration Space
read/write access.
21
FRAME#
I/O
Cycle Frame
This signal is driven low by the DM9102A master mode to
indicate the beginning and duration of a bus transaction.
23
IRDY#
I/O
Initiator Ready
This signal is driven low when the master is ready to
complete the current data phase of the transaction. A data
phase is completed on any clock both IRDY# and TRDY#
are sampled asserted.
24
TRDY#
I/O
Target Ready
This signal is driven low when the target is ready to complete
the current data phase of the transaction. During a read, it
indicates that valid data is asserted. During a write, it
indicates the target is prepared to accept data.
26
DEVSEL#
I/O
Device Select
The DM9102A asserts the signal low when it recognizes its
target address after FRAME# is asserted. As a bus master,
the DM9102A will sample this signal that insures its



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com