Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
8
Final
Version: DM9102A-DS-F03
August 28, 2000
destination address of the data transfer is recognized by a
target.
27
STOP#
I/O
Stop
This signal is asserted low by the target device to request the
master device to stop the current transaction.
30
PERR#
I/O
Parity Error
The DM9102A as a master or slave will assert this signal low
to indicate a parity error on any incoming data.
31
SERR#
I/O
System Error
This signal is asserted low when address parity is detected
with PCICS bit31 (detected parity error) Is enabled. The
system error asserts two clock cycles after the falling address
if an address parity error is detected.
33
PAR
I/O
Parity
This signal indicates even parity across AD0~AD31 and
C/BE0#~C/BE3# including the PAR pin. This signal is an
output for the master and input for the slave device. It is
stable and valid one clock after the address phase.
2
20
34
48
C/BE3#
C/BE2#
C/BE1#
C/BE0#
I/O
Bus Command/Byte Enable
During the address phase, these signals define the bus
command or the type of bus transaction that will take place.
During the data phase these pins indicate which byte lanes
contain valid data. C/BE0# applies to bit7-0 and C/BE3#
applies to bit31-24.
121,122,123,124,126,127,
128,1,6,7,10,
11,13,14,16,
17,38,39,40,
41,43,44,47,
49,50,51,54,
55,56,57,59,
60
AD31~AD0
I/O
Address & Data
These are multiplexed address and data bus signals. As a
bus master, the DM9102A will drive address during the first
bus phase. During subsequent phases, the DM9102A will
either read or write data expecting the target to increment its
address pointer. As a target, the DM9102A will decode each
address on the bus and respond if it is the target being
addressed.
Boot ROM and EEPROM Interface (Including multiplex mode or direct mode)
Multiplex mode
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
62,63,64,65,
66,67,68,69
BPAD0~BPAD7
(BPAD7/LEDMODE)
I/O, LI Boot ROM address and data bus (bits 0~7)
Boot ROM address and data multiplexed lines bits 0~7. In
MUX mode, there are two consecutive address cycles, these
lines contain the boot ROM address pins 7~2, out_enable and
write_enable of Boot ROM in the first cycle; and these lines
contain address pins 15~8 in second cycle.
After the first two cycles, these lines contain data bit 7~0 in
consective cycles.
BPAD1 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it is
used to pull up or down externally through a resister to select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com