Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
19
Version: DM9102A-DS-F03
August 28, 2000
Bit
Default
Type
Description
31:7
Undefined
RW
PCI I/O Base Address
This is the base address value for I/O accesses cycles. It will be compared to
AD[31:7] in the address phase of bus command cycle for the I/O resource access.
6:1
000000
RO
PCI I/O Range Indication
It indicates that the minimum I/O resource size is 80h.
0
1
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the I/O space.( = 1 Indicates I/O Base)
Memory Mapped Base Address (xxxxxx14 - PCIMEM)
31
0
1
7
8
0000000
Memory Mapped
Base
0
Memory Base Address
Memory Range Indication
I/O or Memory Space Indicator
Bit
Default
Type
Description
31:7
Undefined
R/W
PCI Memory Base Address
This is the base address value for Memory accesses cycles.It will be compared to
the AD[31:7] in the address phase of bus command cycle for the Memory resource
access.
6:1
000000
RO
PCI Memory Range Indication
It indicates that the minimum Memory resource size is 80h.
0
0
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the memory space( = 0 Indicates Memory
Base)
Subsystem Identification (xxxxxx2c - PCISID)
0
31
Subsystem ID
Subsystem Vendor ID
Subsystem ID
Subsystem Vendor ID
Bit
Default
Type
Description
31:16
XXXXh
RO
Subsystem ID
It can be loaded from EEPROM word 1 and different from each card.
15:0
XXXXh
RO
Subsystem Vendor ID
Unique number given by PCI SIG and loaded from EEPROM word 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com