Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AF Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
41
Version: DM9102A-DS-F03
August 28, 2000
PHY Management Registers
Offset
Register Name
Description
Default value after reset
0
BMCR
Basic Mode Control Register
3100h
1
BMSR
Basic Mode Status Register
7809h
2
PHYIDR1
PHY Identifier Register #1
0181h
3
PHYIDR2
PHY Identifier Register #2
B840h
4
ANAR
Auto-Negotiation Advertisement Register
01E1h
5
ANLPAR
Auto-Negotiation Link Partner Ability Register
0000h
6
ANER
Auto-Negotiation Expansion Register
0000h
7-15
Reserved
Reserved
0000h
10h
DSCR
DAVICOM Specified Configuration Register
0000h
11h
DSCSR
DAVICOM Specified Configuration/Status Register
F010h
12h
10BTCSR
10BASE-T Configuration/Status Register
7800h
Others
Reserved
Reserved for future use, do not Read/Write to these
Registers
0000h
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where
'
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com